Electronic Components Datasheet Search
  English  ▼

X  

TC244A Datasheet(PDF) 2 Page - Texas Instruments

Part # TC244A
Description  786- 횞 488-PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC244A Datasheet(HTML) 2 Page - Texas Instruments

  TC244A Datasheet HTML 1Page - Texas Instruments TC244A Datasheet HTML 2Page - Texas Instruments TC244A Datasheet HTML 3Page - Texas Instruments TC244A Datasheet HTML 4Page - Texas Instruments TC244A Datasheet HTML 5Page - Texas Instruments TC244A Datasheet HTML 6Page - Texas Instruments TC244A Datasheet HTML 7Page - Texas Instruments TC244A Datasheet HTML 8Page - Texas Instruments TC244A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TC244A
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS056 – JUNE 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
A gated floating-diffusion detection structure with an automatic reset and voltage reference incorporated on-chip
converts charge to signal voltage. The signal is further processed by a low-noise, state-of-the-art
correlated-clamp sample-and-hold circuit. A low-noise, two-stage, source-follower amplifier buffers the output
and provides high output-drive capability.
The TC244A is built using TI-proprietary virtual-phase technology, which provides devices with high blue
response, low dark current, high photoresponse uniformity, and single-phase clocking.
The TC244A is characterized for operation from –10
°C to 45°C.
functional block diagram
Dark-Reference Elements
Clearing Drain
Amplifiers
OUT2 (G)
OUT3 (B)
ADB
ABG
IAG
2
3
4
5
6
7
OUT1 (R)
8
AMP GND
CDB
9
SRG3
SRG2
SRG1
TRG
IDB
12
14
15
16
SAG
17
ABG
IAG
18
19
Storage Area
Blooming Protection
Image Area With
Top Drain
11 Dummy
Elements
Gates, and Serial Registers
Multiplexer, Transfer
11
detailed description
The TC244A consists of four basic functional blocks: (1) the image-sensing area, (2) the image-storage area,
(3) the multiplexer block with serial registers and transfer gates, and (4) the low-noise signal-processing
amplifier block with charge-detection nodes. The location of each block is identified in the functional block
diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com