Electronic Components Datasheet Search
  English  ▼

X  

SZF2002HL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SZF2002HL
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002HL Datasheet(HTML) 2 Page - NXP Semiconductors

  SZF2002HL Datasheet HTML 1Page - NXP Semiconductors SZF2002HL Datasheet HTML 2Page - NXP Semiconductors SZF2002HL Datasheet HTML 3Page - NXP Semiconductors SZF2002HL Datasheet HTML 4Page - NXP Semiconductors SZF2002HL Datasheet HTML 5Page - NXP Semiconductors SZF2002HL Datasheet HTML 6Page - NXP Semiconductors SZF2002HL Datasheet HTML 7Page - NXP Semiconductors SZF2002HL Datasheet HTML 8Page - NXP Semiconductors SZF2002HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
1998 Aug 26
2
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
APPLICATIONS
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
FUNCTIONAL DIAGRAM
7
PINNING INFORMATION
7.1
Pinning
7.2
Pin description
8
FUNCTIONAL DESCRIPTION
8.1
General
8.2
CPU timing
9
MEMORY ORGANIZATION
9.1
Program memory
9.2
Data memory
9.3
Special Function Registers (SFRs)
9.4
Addressing
9.5
Paging logic
10
PROGRAM STATUS WORD (PSW)
11
I/O FACILITIES
11.1
Ports
11.2
Port configuration
12
TIMER/EVENT COUNTERS
12.1
Timer 0 and Timer 1
12.2
Timer 2
12.3
Timer/Counter 2 Control Register (T2CON)
12.4
Timer/Counter 2 Mode Register (T2MOD)
12.5
Watchdog Timer (T3)
13
PULSE WIDTH MODULATED OUTPUT
13.1
Prescaler Frequency Control Register (PWMP)
13.2
Pulse Width Register (PWM)
14
ANALOG-TO-DIGITAL CONVERTER (ADC)
14.1
ADC Control Register (ADCON)
14.2
ADC Result Register (ADCH)
15
REDUCED POWER MODES
15.1
Idle mode
15.2
Power-down mode
15.3
Wake-up from Power-down mode
15.4
Status of external pins
15.5
Power Control Register (PCON)
16
I2C-BUS SERIAL I/O
16.1
Serial Control Register (S1CON)
16.2
Serial Status Register (S1STA)
16.3
Data Shift Register (S1DAT)
16.4
Address Register (S1ADR)
17
STANDARD SERIAL INTERFACE SIO0:
UART
17.1
Multiprocessor communications
17.2
Serial Port Control and Status Register
(S0CON)
17.3
Baud rates
18
INTERRUPT SYSTEM
18.1
External interrupts INT2 to INT8
18.2
Interrupt priority
18.3
Interrupt related registers
19
CLOCK CIRCUITRY
20
RESET
20.1
External reset using the RST pin
20.2
Power-on-reset
21
SPECIAL FUNCTION REGISTERS
OVERVIEW
22
DEBUGGING SUPPORT
22.1
Recommended equipment
22.2
Connecting the pod
22.3
Powering the pod
22.4
Bank switching support
22.5
Software recommendations
23
INSTRUCTION SET
24
LIMITING VALUES
25
DC CHARACTERISTICS
26
ADC CHARACTERISTICS
27
AC CHARACTERISTICS
28
PACKAGE OUTLINE
29
SOLDERING
29.1
Introduction
29.2
Reflow soldering
29.3
Wave soldering
29.4
Repairing soldered joints
30
DEFINITIONS
31
LIFE SUPPORT APPLICATIONS
32
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com