Electronic Components Datasheet Search
  English  ▼

X  

85404 Datasheet(PDF) 1 Page - Alpha Wire

Part # 85404
Description  14 (266(7x38)/38) AWG Bare Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

85404 Datasheet(HTML) 1 Page - Alpha Wire

  85404 Datasheet HTML 1Page - Alpha Wire 85404 Datasheet HTML 2Page - Alpha Wire 85404 Datasheet HTML 3Page - Alpha Wire 85404 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 85404
Construction
 
Diameters (In)
1) Component 1
4 X 1 COND
 
a) Conductor
14 (266(7x38)/38) AWG Bare Copper
0.080
b) Insulation
0.022" Wall, Nom. PVC
0.124
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color(s)
 
 
Cond Color
Cond Color
Cond Color
1
RED #1 3
RED #3
 
2
RED #2 4
YELLOW/GREEN/GREEN
 
2) Cable Assembly
4 Components Cabled
 
a) Twists:
4.0 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
REMAY Tape, 25% Overlap, Min.
 
3) Jacket
0.050" Wall, Nom.,PVC, Oil Resistant
0.424+/- 0.020
a) Color(s)
BLACK
b) Jacket Separator
Tissue Tape, 25% Overlap, Min.
 
c) Print
ALPHA WIRE-* P/N 85404 4C 14 AWG
XTRAGUARD(R) CONTINUOUS FLEX CONTROL CABLE
RU AWM 2587 CONSTANT FLEXING OR CRU
AWM I/II A/B FT1 90C 600V
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 85404

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
85404CY ALPHAWIRE-85404CY Datasheet
409Kb / 4P
14 (266(7x38)/38) AWG Bare Copper
More results

Similar Description - 85404

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C50254101 GENERAL-C50254101 Datasheet
72Kb / 3P
C5025, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel, 97% Bare Copper Braid
logo
List of Unclassifed Man...
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345253 ETC2-1345253 Datasheet
101Kb / 3P
23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1346109 ETC2-1346109 Datasheet
99Kb / 3P
18 AWG bare copper conductor, foam polyethylene insulation
1347027 ETC2-1347027 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
9221 ETC2-9221 Datasheet
97Kb / 2P
30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
83264 ETC2-83264 Datasheet
101Kb / 3P
30 awg stranded (7x38) .012 silver-plated copper-covered steel conductor
1300SB ETC2-1300SB Datasheet
109Kb / 3P
24 AWG solid bare copper conductors, polypropylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com