Electronic Components Datasheet Search
  English  ▼

X  

TDA10085 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA10085
Description  Single chip DVB-S/DSS channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10085 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA10085 Datasheet HTML 5Page - NXP Semiconductors TDA10085 Datasheet HTML 6Page - NXP Semiconductors TDA10085 Datasheet HTML 7Page - NXP Semiconductors TDA10085 Datasheet HTML 8Page - NXP Semiconductors TDA10085 Datasheet HTML 9Page - NXP Semiconductors TDA10085 Datasheet HTML 10Page - NXP Semiconductors TDA10085 Datasheet HTML 11Page - NXP Semiconductors TDA10085 Datasheet HTML 12Page - NXP Semiconductors TDA10085 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2001 Aug 31
9
Philips Semiconductors
Product specification
Single chip DVB-S/DSS channel receiver
TDA10085HT
7
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); note 1
Note
1. Stresses above the Absolute Maximum Ratings may cause permanent damage to the device. Exposure to Absolute
Maximum Ratings conditions for extended periods may affect device reliability.
8
THERMAL CHARACTERISTICS
9
CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VVDDE
DC supply voltage
−0.5
+4.1
V
VVDDI
DC core supply voltage
−0.5
+2.2
V
VI
DC input voltage
−0.5
VVDDE + 0.5
V
Tamb
ambient temperature
0
70
°C
Tj
junction temperature
−
150
°C
Tsp
solder point temperature
−
300
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
45
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VVDDE
digital supply voltage
3.0
3.3
3.6
V
VVDDI
digital core supply voltage
1.6
1.8
2.0
V
VVDDE5
digital 5 V supply voltage
for 5 V tolerance of inputs 4.5
5.0
5.5
V
VIH
HIGH-level input voltage
TTL input; note 1
2.0
−
VVDDE + 0.3 V
VIL
LOW-level input voltage
TTL input
−0.5
−
+0.8
V
VOH
HIGH-level output voltage
IOH = −0.8 mA
VVDDE − 0.1 −−
V
IOH = −IO(max); note 4
2.4
−−
V
VOL
LOW-level output voltage
IOL = 0.8 mA
−−
0.1
V
IOL =IO(max); note 4
−−
0.4
V
IVDDE
supply current for VVDDE
fs = 96 MHz
68
−
78
mA
IVDDI
supply current for VVDDI
symbol rate
1 Mbaud
−
38
−
mA
27.5 Mbauds
−
93
−
mA
45 Mbauds
−−
139
mA
Ci
input capacitance
−
10
−
pF
XIN
fXIN
crystal frequency
−
4
−
MHz
VIH
HIGH-level input voltage
0.7VVDDE
−
VVDDE
V
VIL
LOW-level input voltage
0
−
0.3VVDDE
V
PLL
VDVCC
digital PLL supply voltage
1.6
1.8
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com