Electronic Components Datasheet Search
  English  ▼

X  

398 Datasheet(PDF) 1 Page - Littelfuse

Part # 398
Description  CIRCUIT PROTECTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

398 Datasheet(HTML) 1 Page - Littelfuse

  398 Datasheet HTML 1Page - Littelfuse 398 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
032906
8,5
∅ 0,6
5,08
1,5
max. 4
125mA
MP 13
0125
65V
900
50
0.0093
•
250mA
MP 25
0250
65V
355
50
0.045
•
315mA
MP 32
0315
65V
260
60
0.081
•
400mA
MP 40
0400
65V
186
75
0.18
•
500mA
MP 50
0500
65V
155
90
0.2
•
630mA
MP 63
0630
65V
115
120
0.37
•
800mA
MP 80
0800
65V
85
140
0.64
•
1.00A
MP100
1100
65V
65
170
1.1
•
1.25A
MP125
1125
65V
48
210
2.3
•
1.60A
MP160
1160
65V
34
320
4.5
•
2.00A
MP200
1200
65V
26
425
7.8
•
2.50A
MP250
1250
65V
21
550
13
•
3.15A
MP315
1315
65V
16
650
23
•
4.00A
MP400
1400
65V
12
1000
40
•
50A/65 VAC/DC
50-60 Hz
cosϕ=1.0
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
CCCCCIRCUIT
IRCUIT
IRCUIT
IRCUIT
IRCUIT
PPPPPROTECTORS
ROTECTORS
ROTECTORS
ROTECTORS
ROTECTORS
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 10
10
10
10
1000000 % at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
Holes in PCB
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Tape/Ammopack (1400 pcs.)
Materials
Materials
Materials
Materials
Materials
Base/Cap:
Brown Thermoplastic
Polyamide PA 6.6, UL 94 V-0
Round Pins: Copper, Sn plated
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40 ºC to +85 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-40 ºC/+85 ºC/21 days (EN 60068-1,-2-1,-2-2,-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
10 N (EN 60068-2-21)
Solderability
Solderability
Solderability
Solderability
Solderability
260 ºC, ≤ 3 s (Wave)
350 ºC, ≤ 3 s (Soldering iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 10 sec. (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, Type
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.60 g (approx.)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
398
Continous
Type
Amp
Voltage
Fault
Cold Resistance Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Current
0.1 x IC
1.0 x IC
10 x IC
IC
max.
typ. (mΩ)
max. (mW)
typ. (A2s)
Modul Protector
Modul Protector
Modul Protector
Modul Protector
Modul Protector ®
®
®
®
®, 65 V
, 65 V
, 65 V
, 65 V
, 65 V
leadfree
leadfree
leadfree
leadfree
leadfree
For Short Circuit Protection of
For Short Circuit Protection of
For Short Circuit Protection of
For Short Circuit Protection of
For Short Circuit Protection of
Sensitive Electronic Components
Sensitive Electronic Components
Sensitive Electronic Components
Sensitive Electronic Components
Sensitive Electronic Components
and Assemblies
and Assemblies
and Assemblies
and Assemblies
and Assemblies
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Medium Time Lag (M)
Approvals
Approvals
Approvals
Approvals
Approvals
cULus Recognized
Operating Criteria
Operating Criteria
Operating Criteria
Operating Criteria
Operating Criteria
Maximum continuous current:
IC > Ioperating max x FT time lag
Maximum melting integral:
I2tMP < I2tsemiconductor (warm)
Minimum fault current:
IFault > 3 x IC
Maximum fault current:
IFault < 50A at 65VAC/DC
Features
Features
Features
Features
Features
For worldwide applications
Reduced PCB space requirements
Highly defined cut-off times
Irreversible physical separation
Low internal resistance
Flame resistant encapsulated casing
No.
No.
No.
No.
No. 398 / MP
398 / MP
398 / MP
398 / MP
398 / MP
Specifications are subject
to change without notice


Similar Part No. - 398

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
398 ETC2-398 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
Littelfuse
398 LITTELFUSE-398 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Keystone Electronics Co...
398 KEYSTONE-398 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Littelfuse
398 LITTELFUSE-398 Datasheet
442Kb / 3P
TE5® Modul Protector® Fuse
12/19/25
logo
Multicomp Pro
3980 MULTICOMP-3980 Datasheet
209Kb / 1P
Crimp and Seal Terminal Kit - 115 Pcs
23/08/12 V1.0
More results

Similar Description - 398

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
logo
Littelfuse
385 LITTELFUSE-385 Datasheet
88Kb / 2P
CIRCUIT PROTECTORS
3890060000 LITTELFUSE-3890060000 Datasheet
87Kb / 2P
CIRCUIT PROTECTORS
399IP13000 LITTELFUSE-399IP13000 Datasheet
90Kb / 2P
CIRCUIT PROTECTORS
logo
List of Unclassifed Man...
IAG4-39221-1 ETC2-IAG4-39221-1 Datasheet
2Mb / 24P
Magnetic Circuit Protectors
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
logo
Carling Technologies
CLB-153-11A3N-B-A CARLINGTECH-CLB-153-11A3N-B-A Datasheet
889Kb / 4P
CIRCUIT PROTECTORS
CMB-103-27G3N-B-A CARLINGTECH-CMB-103-27G3N-B-A Datasheet
936Kb / 4P
THERMAL CIRCUIT PROTECTORS
CTB-B-B-03 CARLINGTECH-CTB-B-B-03 Datasheet
607Kb / 4P
THERMAL CIRCUIT PROTECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com