Electronic Components Datasheet Search
  English  ▼

X  

LTC201A Datasheet(PDF) 1 Page - Linear Technology

Part # LTC201A
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC201A Datasheet(HTML) 1 Page - Linear Technology

  LTC201A Datasheet HTML 1Page - Linear Technology LTC201A Datasheet HTML 2Page - Linear Technology LTC201A Datasheet HTML 3Page - Linear Technology LTC201A Datasheet HTML 4Page - Linear Technology LTC201A Datasheet HTML 5Page - Linear Technology LTC201A Datasheet HTML 6Page - Linear Technology LTC201A Datasheet HTML 7Page - Linear Technology LTC201A Datasheet HTML 8Page - Linear Technology LTC201A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC201A/LTC202/LTC203
1
201a23fb
■
Micropower Operation
■
Single 5V or ±15V Supply Operation
■
Low Charge Injection
■
Low RON
■
Low Leakage
■
Guaranteed Break Before Make
■
Latch Resistant Design
■
TTL/CMOS Compatible
■
Improved Second Source for DG2O1A/DG202
The LTC
®201A, LTC202, and LTC203 are micropower,
quad CMOS analog switches which typically dissipate only
250µW from ±15V supplies and 40µW from a single 5V
supply. The switches have 65Ω typical on resistance
and a very high off resistance. A break-before-make
characteristic, inherent in these switches, prevents the
shorting of two channels. With a supply voltage of ±15V,
the signal range is ±15V. These switches have special
charge compensation circuitry which greatly reduces
charge injection to a maximum of ±25pC (±15V supplies).
The LTC201A, LTC202, and LTC203 are designed for
applications such as programmable gain amplifiers,
analog multiplexers, sample-and-hold circuits, precision
charge switching and remote switching. These three
devices are differentiated by the type of switch action, as
shown in the logic table.
Micropower, Low Charge
Injection, Quad CMOS Analog Switches
■
Supply Current ................... I+ = 40µA, I– = 5µA Max
■
Charge Injection
±15V Supplies ................................. ±25pC Max
Single 5V Supply .................................. 2pC Typ
■
RON ............................................................. 65Ω Typ
■
Signal Range .................................................... ±15V
Micropower 100Hz to 1MHz V-to-F Converter
FEATURES
DESCRIPTIO
KEY SPECIFICATIO S
TYPICAL APPLICATIO
–
+
S1
D1
D3
S3
IN2
IN3
IN1
IN4
V–
S4
S2
GND
V+
1.5M
VIN
OV TO 5V
50k
220k*
2k
47k
10M
3pF
2N3906
1N4148
100Ω
2N3904
12k
0.01µF
CLK
VDD
1µF
1µF
7V TO 10V
10k
100k
LT1004-2.5
500pF
POLYSTYRENE
0.022µF
2µF
LINEARITY IS 0.02%
QUIESCENT CURRENT IS 90µA
SUPPLY CURRENT IS 360µA AT 1MHz
*1%FILM RESISTOR
VSS
Q7
CD4024
LTC201A/LTC202
RESET
FOUT
74C14
NC
0.33µF
100Hz TRIM
(240k* TYP)
LTC201A/202/203•TA01
D2
D4
–
+
1/2 LT ®1178
1/2 LT1178
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC201A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC201A LINER-LTC201A Datasheet
820Kb / 11P
Micropower, Low Charge Injection,Quad CMOS Analog Switches
LTC201A LINER-LTC201A Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC201AC LINER-LTC201AC Datasheet
820Kb / 11P
Micropower, Low Charge Injection,Quad CMOS Analog Switches
LTC201ACJ LINER-LTC201ACJ Datasheet
820Kb / 11P
Micropower, Low Charge Injection,Quad CMOS Analog Switches
LTC201ACN LINER-LTC201ACN Datasheet
820Kb / 11P
Micropower, Low Charge Injection,Quad CMOS Analog Switches
More results

Similar Description - LTC201A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4201 ALD-ALD4201 Datasheet
40Kb / 6P
CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES
logo
Linear Technology
LTC201A LINER-LTC201A Datasheet
820Kb / 11P
Micropower, Low Charge Injection,Quad CMOS Analog Switches
LTC221 LINER-LTC221 Datasheet
140Kb / 12P
Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
LTC201A LINER-LTC201A_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC202 LINER-LTC202_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC203 LINER-LTC203_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC221 LINER-LTC221_15 Datasheet
151Kb / 12P
Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
LTC222 LINER-LTC222_15 Datasheet
151Kb / 12P
Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
19-May-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com