Electronic Components Datasheet Search
  English  ▼

X  

TLC080CDGNR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080CDGNR
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC080CDGNR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC080CDGNR Datasheet HTML 8Page - Texas Instruments TLC080CDGNR Datasheet HTML 9Page - Texas Instruments TLC080CDGNR Datasheet HTML 10Page - Texas Instruments TLC080CDGNR Datasheet HTML 11Page - Texas Instruments TLC080CDGNR Datasheet HTML 12Page - Texas Instruments TLC080CDGNR Datasheet HTML 13Page - Texas Instruments TLC080CDGNR Datasheet HTML 14Page - Texas Instruments TLC080CDGNR Datasheet HTML 15Page - Texas Instruments TLC080CDGNR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS254E − JUNE 1999 − REVISED APRIL 2006
12
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 1
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
0
−200
−400
−600
0.0 0.5 1.0 1.5 2.0 2.5 3.0
200
400
600
800
1000
3.5 4.0 4.5 5.0
VICR − Common-Mode Input Voltage − V
VDD = 5 V
TA = 25° C
Figure 2
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
300
100
−100
−300
−500
01
2
3
4
5
6
500
700
900
1100
1500
1300
78
9 10 11 12
VICR − Common-Mode Input Voltage − V
VDD = 12 V
TA = 25° C
Figure 3
INPUT BIAS CURRENT AND
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
−100
−55 −40
50
200
−10 5
TA − Free−Air Temperature − °C
150
100
−50
−25
20 35 50
IIB
VDD = 5 V
65 80 95 110 125
250
300
IIO
0
Figure 4
INPUT BIAS CURRENT AND
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
−120
−55 −40
−80
−20
−10 5
TA − Free-Air Temperature − °C
IIO
−40
−60
−100
−25
−140
−160
20 35 50
IIB
VDD = 12 V
65 80 95 110 125
0
20
Figure 5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10 15 20 25 30 35 40 45 50
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH - High-Level Output Current - mA
VDD = 5 V
TA = 125°C
TA = 70°C
TA = 25°C
TA = −40°C
Figure 6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10 15 20 25 30 35 40 45 50
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL - Low-Level Output Current - mA
TA = 125°C
TA = 70°C
TA = 25°C
TA = −40°C
VDD = 5 V
Figure 7
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0
5
10 15 20 25 30 35 40 45 50
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH - High-Level Output Current - mA
TA = 125°C
TA = 70°C
TA = 25°C
TA = −40°C
VDD = 12 V
Figure 8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10 15 20 25 30 35 40 45 50
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL - Low-Level Output Current - mA
TA = 125°C
TA = 25°C
TA = −40°C
VDD = 12 V
TA = 70°C
Figure 9
OUTPUT IMPEDANCE
vs
FREQUENCY
f - Frequency - Hz
100k
1000
1M
10M
10k
100
1k
100
10
1
0.10
0.01
AV = 100
AV = 10
AV = 1
VDD = 5 V and 12
V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com