Electronic Components Datasheet Search
  English  ▼

X  

LTC221 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC221
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC221 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC221 Datasheet HTML 2Page - Linear Technology LTC221 Datasheet HTML 3Page - Linear Technology LTC221 Datasheet HTML 4Page - Linear Technology LTC221 Datasheet HTML 5Page - Linear Technology LTC221 Datasheet HTML 6Page - Linear Technology LTC221 Datasheet HTML 7Page - Linear Technology LTC221 Datasheet HTML 8Page - Linear Technology LTC221 Datasheet HTML 9Page - Linear Technology LTC221 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC201A/LTC202/LTC203
6
201a23fb
Switching Time Test Circuit
Switch output waveform shown for VS = constant with
logic input waveform as shown. Note that VS may be + or
– as per switching time test circuit. VO is the steady state
output switch on. Feedthrough via gate capacitance may
result in spikes at leading and trailing edge of output
waveform.
Charge Injection Test Circuit
RGEN
VGEN
VO
SX
DX
INX
CL =
1000pF
LT201_202_203 • AI03
3V
3V
NC
NO
ON
ON
ON
ON
OFF
OFF
0V
VO
∆ VO
∆ VO IS THE MEASURED VOLTAGE ERROR DUE TO CHARGE INJECTION.
THE ERROR VOLTAGE IN COULOMBS IS ∆Q = CL • ∆VO
0V
LT201_202_203 • AI04
Switching Time Test Circuit
LT201_202_203 • AI01
3V
50%
50%
0V
0.9
0.9
3V
0V
VS
VO
VO
tON
tOFF
0V
NO
LOGIC INPUT
tr < 20ns
tf < 20ns
NC
LOGIC INPUT
tr < 20ns
tf < 20ns
SWITCH
INPUT
SWITCH
OUTPUT
LOGIC “1” = SW ON
LOGIC “0” = SW ON
LT201_202_203 • AI02
VS = 2V
VO
VO
RL
RL
RL
CL
S1
D1
IN1
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
(REPEAT TEST FOR IN2, IN3 AND IN4)
1kΩ
35pF
= VS
+ rDS(ON)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com