Electronic Components Datasheet Search
  English  ▼

X  

TDA1015 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1015
Description  1 to 4 W audio power amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1015 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1015 Datasheet HTML 4Page - NXP Semiconductors TDA1015 Datasheet HTML 5Page - NXP Semiconductors TDA1015 Datasheet HTML 6Page - NXP Semiconductors TDA1015 Datasheet HTML 7Page - NXP Semiconductors TDA1015 Datasheet HTML 8Page - NXP Semiconductors TDA1015 Datasheet HTML 9Page - NXP Semiconductors TDA1015 Datasheet HTML 10Page - NXP Semiconductors TDA1015 Datasheet HTML 11Page - NXP Semiconductors TDA1015 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
November 1982
8
Philips Semiconductors
Product specification
1 to 4 W audio power amplifier
TDA1015
Fig.6
Total harmonic distortion as a function of output power across RL;  with bootstrap; −−− without
bootstrap; f = 1 kHz; typical values. The available output power is 5% higher when measured at pin 2
(due to series resistance of C10).
Fig.7
Output power across RL as a function of supply voltage with bootstrap; dtot = 10%; typical values.
The available output power is 5% higher when measured at pin 2 (due to series resistance of C10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com