Electronic Components Datasheet Search
  English  ▼

X  

LT1084 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1084
Description  7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1084 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1084 Datasheet HTML 8Page - Linear Technology LT1084 Datasheet HTML 9Page - Linear Technology LT1084 Datasheet HTML 10Page - Linear Technology LT1084 Datasheet HTML 11Page - Linear Technology LT1084 Datasheet HTML 12Page - Linear Technology LT1084 Datasheet HTML 13Page - Linear Technology LT1084 Datasheet HTML 14Page - Linear Technology LT1084 Datasheet HTML 15Page - Linear Technology LT1084 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1083/LT1084/LT1085
108345fe
TYPICAL APPLICATIONS
High Efficiency Regulator with Switching Preregulator
+
–
+
VIN
28V
28V
470
Ω
240
Ω
2k
28V
4N28
1N914
1N914
LT1011
10k
10k
10k
1k
1M
MR1122
1mH
10,000
µF
VOUT
LT1083
OUT
IN
ADJ
1083/4/5 ADJ TA06
1.2V to 15V Adjustable Regulator
5V Regulator with Shutdown*
IN
VIN
OUT
TTL
ADJ
1k
1k
10
µF
100
µF
VOUT
5V
LT1083
2N3904
1083/4/5 ADJ TA09
+
121
Ω
1%
365
Ω
1%
+
*OUTPUT SHUTS DOWN TO 1.3V
IN
OUT
ADJ
R2
1k
C1*
10
µF
VOUT
†
VIN
LT1083
1083/4/5 ADJ TA08
+
C2
100
µF
+
R1
90.9
Ω
*NEEDED IF DEVICE IS FAR FROM FILTER CAPACITORS
†V
OUT = 1.25V 1 +
R2
R1
( )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com