Electronic Components Datasheet Search
  English  ▼

X  

WSI10040E-R19M Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # WSI10040E-R19M
Description  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI10040E-R19M Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  WSI10040E-R19M Datasheet HTML 1Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 2Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 3Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 4Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 5Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 6Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 7Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 4 -
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI04020E-R10M
0.10
3.50
4.00
22.00
12.00
WSI04020E-R22M
0.22
6.00
6.60
12.50
9.00
WSI04020E-R47M
0.47
12.50
14.00
9.50
7.00
WSI04020E-R56M
0.56
14.00
16.00
10.00
6.50
WSI04020E-R68M
0.68
16.00
18.00
9.00
6.00
WSI04020E-1R0M
1.00
24.00
27.00
7.00
4.50
WSI04020E-1R2M
1.20
24.00
27.00
7.00
4.50
WSI04020E-1R5M
1.50
38.00
46.00
6.00
4.00
WSI04020E-2R2M
2.20
52.00
58.00
5.00
3.00
WSI04020E-3R3M
3.30
74.00
87.00
4.00
2.50
WSI04020E-4R7M
4.70
98.00
110.00
3.50
2.00
WSI04020E-6R8M
6.80
140.00
175.00
2.50
2.00
WSI04020E-100M
10.00
256.00
282.00
2.20
1.20
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI04020J-R22M
0.22
5.40
7.00
11.50
11.50
WSI04020J-R36M
0.36
9.50
12.00
11.00
9.00
WSI04020J-R47M
0.47
10.00
12.00
10.00
7.00
WSI04020J-R56M
0.56
12.80
14.70
8.00
7.00
WSI04020J-R68M
0.68
13.50
17.00
7.00
6.30
WSI04020J-R82M
0.82
16.00
18.00
6.50
6.00
WSI04020J-R88M
0.88
16.00
18.00
6.50
6.00
WSI04020J-1R0M
1.00
18.00
21.50
5.00
5.00
WSI04020J-1R2M
1.20
19.00
22.00
5.00
5.00
WSI04020J-1R5M
1.50
25.40
29.00
5.00
5.00
WSI04020J-2R2M
2.20
33.00
40.00
5.00
3.90
WSI04020J-3R3M
3.30
42.00
48.00
4.30
3.30
WSI04020J-4R7M
4.70
68.00
75.00
4.00
2.70
WSI04020J-5R6M
5.60
81.00
90.00
3.50
2.40
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com