Electronic Components Datasheet Search
  English  ▼

X  

WSI10040E-R19M Datasheet(PDF) 10 Page - AiT Semiconductor Inc.

Part # WSI10040E-R19M
Description  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI10040E-R19M Datasheet(HTML) 10 Page - AiT Semiconductor Inc.

Back Button WSI10040E-R19M Datasheet HTML 6Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 7Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 9Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 10Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 11Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 12Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 13Page - AiT Semiconductor Inc. WSI10040E-R19M Datasheet HTML 14Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 10 -
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI12065E-R10M
0.10
0.47
0.50
120.00
60.00
WSI12065E-R15M
0.15
0.53
0.60
118.00
55.00
WSI12065E-R22M
0.22
0.63
0.70
112.00
53.00
WSI12065E-R30M
0.30
0.70
0.80
72.00
48.00
WSI12065E-R33M
0.33
0.83
0.90
65.00
46.00
WSI12065E-R40M
0.40
0.90
1.00
64.00
44.00
WSI12065E-R47M
0.47
1.00
1.20
63.00
41.00
WSI12065E-R56M
0.56
1.20
1.40
62.00
37.00
WSI12065E-R68M
0.68
1.40
1.60
60.00
35.00
WSI12065E-R82M
0.82
1.60
1.90
50.00
33.00
WSI12065E-1R0M
1.00
1.70
2.00
49.00
32.00
WSI12065E-1R2M
1.20
2.10
2.50
48.00
30.00
WSI12065E-1R5M
1.50
2.50
3.00
45.00
27.00
WSI12065E-1R8M
1.80
2.80
3.20
41.00
24.00
WSI12065E-2R2M
2.20
3.50
4.20
40.00
22.00
WSI12065E-3R3M
3.30
5.70
6.80
35.00
18.00
WSI12065E-4R7M
4.70
9.30
11.20
30.00
13.50
WSI12065E-5R6M
5.60
11.80
12.80
26.50
12.00
WSI12065E-6R8M
6.80
13.10
14.00
16.50
11.50
WSI12065E-8R2M
8.20
14.50
15.50
16.00
10.50
WSI12065E-100M
10.00
15.80
16.80
15.50
10.00
WSI12065E-120M
12.00
23.00
26.00
14.00
9.00
WSI12065E-150M
15.00
25.00
29.00
9.00
6.00
WSI12065E-220M
22.00
34.00
39.00
7.50
5.00
WSI12065E-330M
33.00
55.00
65.00
6.00
4.00
WSI12065E-470M
47.00
80.00
92.00
5.00
3.00
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com