Electronic Components Datasheet Search
  English  ▼

X  

EM5109 Datasheet(PDF) 10 Page - Excelliance MOS Corp.

Part # EM5109
Description  3A Low Dropout LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5109 Datasheet(HTML) 10 Page - Excelliance MOS Corp.

Back Button EM5109 Datasheet HTML 2Page - Excelliance MOS Corp. EM5109 Datasheet HTML 3Page - Excelliance MOS Corp. EM5109 Datasheet HTML 4Page - Excelliance MOS Corp. EM5109 Datasheet HTML 5Page - Excelliance MOS Corp. EM5109 Datasheet HTML 6Page - Excelliance MOS Corp. EM5109 Datasheet HTML 7Page - Excelliance MOS Corp. EM5109 Datasheet HTML 8Page - Excelliance MOS Corp. EM5109 Datasheet HTML 9Page - Excelliance MOS Corp. EM5109 Datasheet HTML 10Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2020/06/09
Rev.A.1
10
EM5109
DFN3X3-10L
 Tape & Reel Information : 5000pcs/Reel
R330
2.0±0.2
18.4
12.4±2.0
2.00±0.5
8.00±0.1
4.00±0.1
Φ1.50±0.1
Φ1.5±0.1
3.4±0.1
1.10±0.1
0.3±0.05
產品別
DFN3X3-10L
Reel 尺寸
13”
編帶方式
L-Type
前空格
50
後空格
50
裝箱數
滿捲數量
5K
捲/內盒比
1 : 1
內盒滿箱數
5K
內/外箱比
10 : 1
外箱滿箱數
50K
包裝材料規格
導電袋(mm)
500 * 375 * 0.1
保護帶(mm)
108 ± 1* 1.6 ± 0.05 * 0.1 ± 0.01
內盒尺寸(mm)
351 * 339 * 31
外箱尺寸(mm)
384 * 360 * 360



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com