Electronic Components Datasheet Search
  English  ▼

X  

EM5203 Datasheet(PDF) 10 Page - Excelliance MOS Corp.

Part # EM5203
Description  Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5203 Datasheet(HTML) 10 Page - Excelliance MOS Corp.

Back Button EM5203 Datasheet HTML 4Page - Excelliance MOS Corp. EM5203 Datasheet HTML 5Page - Excelliance MOS Corp. EM5203 Datasheet HTML 6Page - Excelliance MOS Corp. EM5203 Datasheet HTML 7Page - Excelliance MOS Corp. EM5203 Datasheet HTML 8Page - Excelliance MOS Corp. EM5203 Datasheet HTML 9Page - Excelliance MOS Corp. EM5203 Datasheet HTML 10Page - Excelliance MOS Corp. EM5203 Datasheet HTML 11Page - Excelliance MOS Corp. EM5203 Datasheet HTML 12Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2020/03/26
A.4
10
EM5203 series
ψ
156
1.5±0.1
12.3±1
9.5±1
4.0±0.1
4.0±0.1
1.22±0.1
2.0±0.1
 Tape&Reel Information:3000pcs/Reel(Dimension in millimeter)
Package
SOT23-3
Reel Dimensions
7”
Pin1 Orientation
Leader Empty Pockets
50
Trailer Empty Pockets
50
Quantity per Reel
3K
Reel / Inner Box
5:1
Quantity per Inner Box
15K
Inner Box/ Outer Carton
12:1
Quantity per Outer
Carton
180K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com