Electronic Components Datasheet Search
  English  ▼

X  

LT1016 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1016
Description  UltraFast Precision 10ns Comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1016 Datasheet(HTML) 4 Page - Linear Technology

  LT1016 Datasheet HTML 1Page - Linear Technology LT1016 Datasheet HTML 2Page - Linear Technology LT1016 Datasheet HTML 3Page - Linear Technology LT1016 Datasheet HTML 4Page - Linear Technology LT1016 Datasheet HTML 5Page - Linear Technology LT1016 Datasheet HTML 6Page - Linear Technology LT1016 Datasheet HTML 7Page - Linear Technology LT1016 Datasheet HTML 8Page - Linear Technology LT1016 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1016
4
TYPICAL PERFOR A CE CHARACTERISTICS
Gain Characteristics
Propagation Delay vs Input
Overdrive
Propagation Delay vs Load
Capacitance
Propagation Delay vs Source
Resistance
Propagation Delay vs Supply
Voltage
Propagation Delay vs
Temperature
Latch Set-Up Time vs
Temperature
Output Low Voltage (VOL) vs
Output Sink Current
Output High Voltage (VOH) vs
Output Source Current
OVERDRIVE (mV)
0
25
20
15
10
5
0
40
1016 G02
10
20
30
50
VS =
±5V
TJ = 25
°C
VSTEP = 100mV
CLOAD = 10pF
OUTPUT LOAD CAPACITANCE (pF)
0
25
20
15
10
5
0
40
1016 G03
10
20
30
50
VS =
±5V
TJ = 25
°C
IOUT = 0
VSTEP = 100mV
OVERDRIVE = 5mV
tPDHL
tPDLH
POSITIVE SUPPLY VOLTAGE (V)
4.4
25
20
15
10
5
0
4.6
4.8
5.0
5.2
1016 G05
5.4
5.6
FALLING EDGE tPDHL
RISING EDGE tPDLH
V – = – 5V
TJ = 25
°C
VSTEP = 100mV
OVERDRIVE = 5mV
CLOAD = 10pF
JUNCTION TEMPERATURE (
°C)
–50
30
25
20
15
10
5
0
25
75
1016 G06
–25
0
50
100
125
FALLING OUTPUT tPDHL
RISING OUTPUT tPDLH
VS =
±5V
OVERDRIVE = 5mV
STEP SIZE = 100mV
CLOAD = 10pF
JUNCTION TEMPERATURE (
°C)
–50
6
4
2
0
–2
–4
–6
25
75
1016 G07
–25
0
50
100
125
VS =
±5V
IOUT = 0V
OUTPUT SINK CURRENT (mA)
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
16
1016 G08
4
26
10
14
18
8
12
20
TJ = 125
°C
TJ = – 55
°C
TJ = 25
°C
VS =
±5V
VIN = 30mV
OUTPUT SOURCE CURRENT (mA)
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
16
1016 G09
4
26
10
14
18
8
12
20
TJ = 125
°C
TJ = – 55
°C
TJ = 25
°C
VS =
±5V
VIN = – 30mV
DIFFERENTIAL INPUT VOLTAGE (mV)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1016 G01
– 2.5
–1.5
– 0.5
0.5
1.5
2.5
TJ = 125
°C
TJ = – 55
°C
TJ = 25
°C
VS =
±5V
IOUT = 0
SOURCE RESISTANCE (
Ω)
0
500
1k
2k
1.5k
2.5k
3k
1016 G04
80
70
60
50
40
30
20
10
0
STEP SIZE = 800mV
400mV
200mV
100mV
VS =
±5V
TJ = 25
°C
OVERDRIVE = 20mV
EQUIVALENT INPUT
CAPACITANCE IS
≈ 3.5pF
CLOAD = 10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com