Electronic Components Datasheet Search
  English  ▼

X  

LT1106 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1106
Description  Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1106 Datasheet(HTML) 3 Page - Linear Technology

  LT1106 Datasheet HTML 1Page - Linear Technology LT1106 Datasheet HTML 2Page - Linear Technology LT1106 Datasheet HTML 3Page - Linear Technology LT1106 Datasheet HTML 4Page - Linear Technology LT1106 Datasheet HTML 5Page - Linear Technology LT1106 Datasheet HTML 6Page - Linear Technology LT1106 Datasheet HTML 7Page - Linear Technology LT1106 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1106
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Select Pin Bias Current
0V < VSEL < 5V
0.1
1
µA
VPP1/VPP2 Input Sense Threshold
11.0
11.5
11.9
V
AVPP Pin Input Current
50
90
µA
VON/OFF = 0.2V
0.1
1
µA
VPP1/VPP2 Pin Input Current
50
90
µA
VON/OFF = 0.2V
0.1
1
µA
VPP VALID Threshold
AVPP Rising (High to Low Transition)
q
11.4
12
V
VPP VALID Output Voltage Low
ISINK = 100µA
0.13
0.3
V
VPP VALID Output Voltage High
ISOURCE = 2.5µA
4
4.5
V
3/5 Comparator Threshold
q
3.6
3.75
4.2
V
3/5 Comparator Output High
ILOAD = 50µA
3.65
3.8
V
3/5 Comparator Output Low
ILOAD = 50µA
0.75
0.9
V
Off State Current at G1/G2
VPP1 = 10V, VG1 = 12V or VPP2 = 10V,
0.1
1
µA
VG2 = 12V or VON/OFF = 0V
TA = 25°C, VCC = 5V, VON/OFF = 3V, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
The q denotes specifications which apply over the full operating
temperature range.
TYPICAL PERFORMANCE CHARACTERISTICS
Oscillator Frequency
Switch Current Limit
Switch Saturation Voltage
TEMPERATURE (
°C)
–50
300
400
500
600
700
800
–25
025
50
LT1106 • TPC01
75
100
TEMPERATURE (
°C)
–50
400
500
600
700
800
1000
–25
025
50
LT1106 • TPC02
75
100
900
VCC = 3V
VCC = 5V
TEMPERATURE (
°C)
–50
100
125
150
175
200
250
–25
025
50
LT1106 • TPC03
75
100
225
ISW = 500mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com