Electronic Components Datasheet Search
  English  ▼

X  

SST13LP05 Datasheet(PDF) 14 Page - Silicon Storage Technology, Inc

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP05 Datasheet(HTML) 14 Page - Silicon Storage Technology, Inc

Back Button SST13LP05 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 18Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05
©2006 Silicon Storage Technology, Inc.
S71318-00-000
12/06
14
Typical High Band Performance for 802.11a
Test Conditions: VCC = 3.3V, TA = 25°C, VREF = 2.95V unless otherwise noted
FIGURE 12: High Band S-Parameters
1318 SParmHighB.0
S11 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Frequency (GHz)
S12 versus Frequency
-80
-70
-60
-50
-40
-30
-20
-10
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Frequency (GHz)
S21 versus Frequency
-40
-30
-20
-10
0
10
20
30
40
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Frequency (GHz)
S22 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com