Electronic Components Datasheet Search
  English  ▼

X  

LT1128CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1128CS8
Description  Ultralow Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1128CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1128CS8 Datasheet HTML 1Page - Linear Technology LT1128CS8 Datasheet HTML 2Page - Linear Technology LT1128CS8 Datasheet HTML 3Page - Linear Technology LT1128CS8 Datasheet HTML 4Page - Linear Technology LT1128CS8 Datasheet HTML 5Page - Linear Technology LT1128CS8 Datasheet HTML 6Page - Linear Technology LT1128CS8 Datasheet HTML 7Page - Linear Technology LT1128CS8 Datasheet HTML 8Page - Linear Technology LT1128CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1028/LT1128
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
10Hz Voltage Noise Distribution
Total Noise vs Matched Source
Resistance
Total Noise vs Unmatched
Source Resistance
Current Noise Spectrum
0.01Hz to 1Hz Voltage Noise
TEMPERATURE (
°C)
–50
0
0.8
2.0
0
50
75
LT1028/1128 • TPC09
O.4
1.6
1.2
–25
25
100
125
VS = ±15V
AT 10Hz
AT 1kHz
Voltage Noise vs Temperature
0.1Hz to 10Hz Voltage Noise
TIME (SEC)
08
LT1028/1128 • TPC07
2
4
6
10
10nV
VS = ±15V
TA = 25°C
Wideband Noise, DC to 20kHz
BANDWIDTH (Hz)
100
0.1
1
100k
1M
10M
LT1028/1128 • TPC03
0.01
10
10k
1k
VS = ±15V
TA = 25°C
Wideband Voltage Noise
(0.1Hz to Frequency Indicated)
MATCHED SOURCE RESISTANCE (
Ω)
1
10
100
3
1k
10k
LT1028/1128 • TPC04
1
0.1
VS = ±15V
TA = 25°C
10
30
100 300
3k
AT 10Hz
2 RS NOISE ONLY
AT 1kHz
–
+
RS
RS
UNMATCHED SOURCE RESISTANCE (
Ω)
1
10
100
3
1k
10k
LT1028/1128 • TPC05
1
0.1
VS = ±15V
TA = 25°C
10
30
100 300
3k
AT 10Hz
2 RS NOISE ONLY
AT 1kHz
RS
TIME (SEC)
080
LT1028/1128 • TPC08
20
40
60
100
10nV
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
10
0.1
1
10
100
100
1k
10k
LT1028/1128 • TPC06
MAXIMUM
TYPICAL
1/f CORNER = 800Hz
1/f CORNER = 250Hz
0.6
0
20
60
80
100
1.0
1.4
1.8
180
LT1020/1120 • TPC01
40
0.8
1.2
120
140
160
1.6
2.0
2.2
8
70
148
158
57
28
7 423 2 22
1
3 2 11 1
VS = ±15V
TA = 25°C
500 UNITS
MEASURED
FROM 4 RUNS
VOLTAGE NOISE DENSITY (nV/
√Hz)
VERTICAL SCALE = 0.5
µV/DIV
HORIZONTAL SCALE = 0.5ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com