Electronic Components Datasheet Search
  English  ▼

X  

LT1029ACZ Datasheet(PDF) 4 Page - Linear Technology

Part # LT1029ACZ
Description  5V Bandgap Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1029ACZ Datasheet(HTML) 4 Page - Linear Technology

  LT1029ACZ Datasheet HTML 1Page - Linear Technology LT1029ACZ Datasheet HTML 2Page - Linear Technology LT1029ACZ Datasheet HTML 3Page - Linear Technology LT1029ACZ Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
LT1029/LT1029A
1029afa
APPLICATIO S I FOR ATIO
Split ± 2.5V References
R1
25k
0.1%
R2
25k
0.1%
R3
1k
5%
LT1029
–
+
5V
2.5V
– 2.5V
–5V
–5V
LT1001
LT1029 • AI04
PACKAGE DESCRIPTIO
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LT/TP 1102 1K REV A • PRINTED IN USA
 LINEAR TECHNOLOGY CORPORATION 1985
Z Package
3-Lead Plastic TO-92 (Similar to TO-226)
(Reference LTC DWG # 05-08-1330)
H Package
2-Lead and 3-Lead TO-46 Metal Can
(Reference LTC DWG # 05-08-1340)
OBSOLETE PACKAGE
.100
(2.540)
TYP
45°
H02/03(TO-46) 0801
.050
(1.270)
TYP
.050
(1.270)
TYP
.028 – .048
(0.711 – 1.219)
.036 – .046
(0.914 – 1.168)
FOR 3-LEAD PACKAGE ONLY
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND .050" BELOW THE REFERENCE PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
.016 – .024
(0.406 – 0.610)
*
**
PIN 1
.016 – .019**
(0.406 – 0.483)
DIA
.025
(0.635)
MAX
.085 – .105
(2.159 – 2.667)
.500
(12.700)
MIN
.178 – .195
(4.521 – 4.953)
.209 – .219
(5.309 – 5.537)
REFERENCE
PLANE
SEATING*
PLANE
.050
(1.27)
BSC
.060 ± .005
(1.524± 0.127)
DIA
.90
(2.286)
NOM
.180 ± .005
(4.572 ± 0.127)
.180 ± .005
(4.572 ± 0.127)
.500
(12.70)
MIN
.050
(1.270)
MAX
UNCONTROLLED
LEAD DIMENSION
.016 ± .003
(0.406 ± 0.076)
5°
NOM
.015 ± .002
(0.381 ± 0.051)
Z3 (TO-92) 0801
.060 ± .010
(1.524 ± 0.254)
10° NOM
.140 ± .010
(3.556 ± 0.127)
32
1
.098 +.016/–.04
(2.5 +0.4/–0.1)
2 PLCS
TO-92 TAPE AND REEL
REFER TO TAPE AND REEL SECTION OF
LTC DATA BOOK FOR ADDITIONAL INFORMATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com