Electronic Components Datasheet Search
  English  ▼

X  

LT1032CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LT1032CSW
Description  Quad Low Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1032CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1032CSW Datasheet HTML 4Page - Linear Technology LT1032CSW Datasheet HTML 5Page - Linear Technology LT1032CSW Datasheet HTML 6Page - Linear Technology LT1032CSW Datasheet HTML 7Page - Linear Technology LT1032CSW Datasheet HTML 8Page - Linear Technology LT1032CSW Datasheet HTML 9Page - Linear Technology LT1032CSW Datasheet HTML 10Page - Linear Technology LT1032CSW Datasheet HTML 11Page - Linear Technology LT1032CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1032
1032fe
©LINEAR TECHNOLOGY CORPORATION 1994
LT/TP 0302 1.5K REV E • PRINTED IN USA
LT1032
470
µF
5V
1N4148
470
µF
VOUT
13.7V AT NO LOAD
12V AT 10mA
–VOUT
–13.7V AT NO LOAD
–12V AT 10mA
470
µF
470
µF
–5V
0V
5V
2
14
5
9
12
3
6
8
11
1
fCLK = 1kHz
LT1032 • TA08
1N4148
1N4148
1N4148
+
+
±5V to ±15V Voltage Multiplier
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1039A
Triple RS232 Driver/Receiver with Shutdown
±15kV ESD Protection
LT1130A/LT1140A
5V Supply, Multiple RS232 Driver/Receiver
±15kV 3 Driver/5 Receiver (LT1133A, LT1137A, LT1141A)
LT1780/LT1781A
5V Supply, 2 Driver/2 Receiver RS232
±15kV Pin Compatible Upgrade to LT1080/LT1081 and LT1180A/LT1181A
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com