Electronic Components Datasheet Search
  English  ▼

X  

LT1031DMH Datasheet(PDF) 5 Page - Linear Technology

Part # LT1031DMH
Description  Precision 10V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1031DMH Datasheet(HTML) 5 Page - Linear Technology

  LT1031DMH Datasheet HTML 1Page - Linear Technology LT1031DMH Datasheet HTML 2Page - Linear Technology LT1031DMH Datasheet HTML 3Page - Linear Technology LT1031DMH Datasheet HTML 4Page - Linear Technology LT1031DMH Datasheet HTML 5Page - Linear Technology LT1031DMH Datasheet HTML 6Page - Linear Technology LT1031DMH Datasheet HTML 7Page - Linear Technology LT1031DMH Datasheet HTML 8Page - Linear Technology LT1031DMH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1031/LH0070
1031fb
Output Voltage Noise
Load Regulation
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Temperature
LT1031 • TPC07
BANDWIDTH (Hz)
10
8
12
16
100
1k
10k
4
6
10
14
2
0
COUT = 0
FILTER = 1 POLE
fLOW = 0.1Hz
SOURCING
OUTPUT CURRENT (mA)
SINKING
–10
1
3
2
0
–2
–4
5
4
6
–1
–3
–5
–6
–8
–2
–4
24
8
0
10
LT1031 • TPC08
VIN = 12V
TEMPERATURE (˚C)
–50
10.002
10.004
10.006
25
75
10.000
9.998
–25
0
50
100
125
9.996
9.994
LT1031 • TPC09
Input Supply Current
Shunt Mode Current Limit
Shunt Characteristics
INPUT VOLTAGE (V)
05
1.0
1.2
1.4
35
40
0.8
0.6
0.2
0
10
15
20
25
30
0.4
1.8
1.6
LT1031 • TPC10
IOUT = 0
TJ = 125°C
TJ = –55°C
TJ = 25°C
OUTPUT TO GROUND VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
8
1.8
0.4
4
2
6
10
12
1.2
1.4
1.6
LT1031 • TPC11
INPUT PIN OPEN
TJ = 125°C
TJ = –55°C
TJ = 25°C
OUTPUT VOLTAGE (V)
0
0
10
30
40
50
4
8
10
18
20
26
12
14
16
60
LT1031 • TPC12
INPUT PIN IS OPEN
Thermal Regulation
Load Transient Response
CLOAD = 0
Load Transient Response
CLOAD = 1000pF
TIME (
µs)
4
2
0
6
4
02
6
8
8
LT1031 • TPC15
NOTE VERTICAL SCALE CHANGE
BETWEEN SOURCING AND SINKING
ISINK = 2 TO 10mA
ISOURCE = 0
ISINK = 1.4mA
ISINK = 1.2mA
∆ISOURCE = 100µAp-p
ISOURCE = 0.5mA
ISOURCE = 2 TO 10mA
∆ISINK = 100µAp-p
5mV
20mV
ISINK = 0.8mA
TIME (ms)
*INDEPENDENT OF TEMPERATURE COEFFICIENT
–1.0
0
140
20
–20
60
100
0
40
80
120
–1.5
–0.5
LT1031 • TPC13
ILOAD = 10mA
VIN = 30V
∆POWER = 200mW
LOAD
REGULATION
THERMAL*
REGULATION
TIME (
µs)
7
1
0
–2
3
2
56
8
4
9
LT1031 • TPC14
NOTE VERTICAL SCALE CHANGE
BETWEEN SOURCING AND SINKING
ISINK = 2 TO 10mA
ISOURCE = 0
ISINK = 1.0mA
ISINK = 0.8mA
∆ISOURCE = 100µAp-p
ISOURCE = 0.2mA
ISOURCE = 2 TO 10mA
ISINK = 0.6mA
∆ISINK = 100µAp-p
10mV
50mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com