Electronic Components Datasheet Search
  English  ▼

X  

LT1111 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1111
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1111 Datasheet HTML 5Page - Linear Technology LT1111 Datasheet HTML 6Page - Linear Technology LT1111 Datasheet HTML 7Page - Linear Technology LT1111 Datasheet HTML 8Page - Linear Technology LT1111 Datasheet HTML 9Page - Linear Technology LT1111 Datasheet HTML 10Page - Linear Technology LT1111 Datasheet HTML 11Page - Linear Technology LT1111 Datasheet HTML 12Page - Linear Technology LT1111 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1111
1111fd
specifically designed for switch mode DC/DC converters
which work much better than general-purpose units.
Tantalum capacitors provide still better performance at
more expense. We recommend OS-CON capacitors from
Sanyo Corporation (San Diego, CA). These units are
physically quite small and have extremely low ESR. To
illustrate, Figures 1, 2, and 3 show the output voltage of an
LT1111 based converter with three 100
µF capacitors. The
peak switch current is 500mA in all cases. Figure 1 shows
a Sprague 501D, 25V aluminum capacitor. VOUT jumps by
over 120mV when the switch turns off, followed by a drop
in voltage as the inductor dumps into the capacitor. This
works out to be an ESR of over 0.24
Ω. Figure 2 shows the
same circuit, but with a Sprague 150D, 20V tantalum
capacitor replacing the aluminum unit. Output jump is
now about 35mV, corresponding to an ESR of 0.07
Ω.
Figure 3 shows the circuit with a 16V OS-CON unit. ESR
is now only 0.02
Ω.
S
APPLICATI
I FOR ATIO
switch closes, current in the inductor builds according to
It
V
R
e
L
L
Rt
L
()=
′
′
115
–( )
–
where R
′ = 0.65Ω + DCRL
VL = VIN – 0.75V
As an example, suppose –5V at 50mA is to be generated
from a 4.5V to 5.5V input. Recalling Equation (14),
PL = (-5V+0.5V)(50mA) = 275mW
(16)
Energy required from the inductor is:
P
f
mW
kHz
J
L
OSC
==
275
72
38
17
..
( )
µ
Picking an inductor value of 56
µH with 0.2Ω DCR results
in a peak switch current of:
I
VV
emA
PEAK
s
H
= ()
+
()
 =
×
45
075
065
0 2
1
445
085
7
56
.– .
..
–.
–.
ΩΩ
Ωµ
µ
Substituting IPEAK into Equation (4) results in:
EH
A
J
L =
()(
) =
1
2
56
0 445
5 54
19
2
µµ
..
.
( )
Since 5.54
µJ > 3.82µJ, the 56µH inductor will work.
With this relatively small input range, RLIM is not usually
necessary and the ILIM pin can be tied directly to VIN. As in
the step-down case, peak switch current should be limited
to ~650mA.
Capacitor Selection
Selecting the right output capacitor is almost as important
as selecting the right inductor. A poor choice for a filter
capacitor can result in poor efficiency and/or high output
ripple. Ordinary aluminum electrolytics, while inexpensive
and readily available, may have unacceptably poor
equivalent series resistance (ESR) and ESL (inductance).
There are low ESR aluminum capacitors on the market
5
µs/DIV
LT1111 • F01
Figure 1. Aluminum
5
µs/DIV
LT1111 • F02
Figure 2. Tantalum
5
µs/DIV
LT1111 • F01
Figure 3. OS-CON
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com