Electronic Components Datasheet Search
  English  ▼

X  

LT1031C Datasheet(PDF) 2 Page - Linear Technology

Part # LT1031C
Description  Precision 10V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1031C Datasheet(HTML) 2 Page - Linear Technology

  LT1031C Datasheet HTML 1Page - Linear Technology LT1031C Datasheet HTML 2Page - Linear Technology LT1031C Datasheet HTML 3Page - Linear Technology LT1031C Datasheet HTML 4Page - Linear Technology LT1031C Datasheet HTML 5Page - Linear Technology LT1031C Datasheet HTML 6Page - Linear Technology LT1031C Datasheet HTML 7Page - Linear Technology LT1031C Datasheet HTML 8Page - Linear Technology LT1031C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1031/LH0070
1031fb
Input Voltage ........................................................... 40V
Input-Output Voltage Differential ............................. 35V
Output to Ground Voltage
(Shunt Mode Current Limit) ................................. 16V
Trim Pin to Ground Voltage
Positive ................................................. Equal to VOUT
Negative ............................................................. – 20V
Output Short-Circuit Duration
VIN = 35V ......................................................... 10 sec
VIN ≤ 20V ..................................................... Indefinite
Operating Temperature Range
LT1031M .......................................... – 55
°C to 125°C
LT1031C .................................................. 0
°C to 70°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LT1031
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VR
Output Voltage (Note 2)
LT1031B
9.995
10.000
10.005
V
LT1031C
9.990
10.000
10.010
V
LT1031D
9.980
10.000
10.020
V
∆VR
Output Voltage Temperature
TMIN ≤ TJ ≤ TMAX
∆T
Coefficient (Note 3)
LT1031B
●
3
5
ppm/
°C
LT1031C
●
6
15
ppm/
°C
LT1031D
●
10
25
ppm/
°C
∆VR
Line Regulation (Note 4)
11.5V
≤ VIN ≤ 14.5V
1
4
ppm/V
∆VIN
●
6
ppm/V
4.5V
≤ VIN ≤ 40V
0.5
2
ppm/V
●
4
ppm/V
∆VR
Load Regulation (Sourcing Current)
0
≤ IOUT ≤ 10mA
12
25
ppm/mA
∆IO
(Note 4)
●
40
ppm/mA
∆VR
Load Regulation (Shunt Mode)
1.7mA
≤ ISHUNT ≤ 10mA
50
100
ppm/mA
∆IO
(Notes 4, 5)
●
150
ppm/mA
IQ
Series Mode Supply Current
1.2
1.7
mA
●
2.0
mA
IMIN
Shunt Mode Minimum Current
VIN is Open
1.1
1.5
mA
Output Short-Circuit Current
11V
≤ VIN ≤ 35V
30
mA
Minimum Input Voltage (Note 7)
lOUT ≤ 1mA
10.8
11.0
V
en
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
6
µVP-P
10Hz
≤ f ≤ 10kHz
11
µVRMS
∆VR
Long Term Stability of
∆t = 1000 Hrs
15
ppm
∆Time
Output Voltage
Non-Cumulative
Temperature Hysteresis of Output
∆T = 50°C
5
ppm
ABSOLUTE
AXI U
RATI GS
(Note 1)
PACKAGE/ORDER I FOR ATIO
(LT1031) The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, IOUT = 0, Mil or Comm version, unless noted.
ELECTRICAL CHARACTERISTICS
ORDER PART NUMBER
LH0070-0H
LH0070-1H
LH0070-2H
BOTTOM VIEW
INPUT
1
2
3
OUTPUT
GROUND
H PACKAGE
3-LEAD TO-39 METAL CAN
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W (LH0070)
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W (LT1031M)
TJMAX = 85°C, θJA = 150°C/W, θJC = 45°C/W (LT1031C)
LT1031BMH
LT1031DMH
LT1031BCH
LT1031CCH
LT1031DCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com