Electronic Components Datasheet Search
  English  ▼

X  

5523 Datasheet(PDF) 1 Page - Alpha Wire

Part # 5523
Description  18 (16/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5523 Datasheet(HTML) 1 Page - Alpha Wire

  5523 Datasheet HTML 1Page - Alpha Wire 5523 Datasheet HTML 2Page - Alpha Wire 5523 Datasheet HTML 3Page - Alpha Wire 5523 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 5523
Construction
 
Diameters (In)
1) Component 1
3 X 1 COND
 
a) Conductor
18 (16/30) AWG Tinned Copper
0.047
b) Insulation
0.032" Wall, Nom. PVC
0.111
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
BROWN
3
RED
2) Cable Assembly
3 Components Cabled
 
a) Twists:
3.4 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Shield:
A/P/A Tape, 25% Overlap, Min.
 
a) Drain Wire
18 (16/30) AWG Tinned Copper
 
b) Braid
Tinned Copper,70% Coverage, Nom.
 
4) Jacket
0.063" Wall, Nom.,PVC
0.397 (0.416 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 5523 3C 18 AWG
XTRAGUARD(R) 1 (UL) MTW 600V OR AWM 2501 105C
600V OR AWM 21896 105C 600V SUN RES 60C OIL
VW-1 OR CRU AWM I/II A/B 105C 600V
FT4 CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 5523

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5523 POMONA-5523 Datasheet
28Kb / 1P
Minigrabber Test Clip Patch Cord
logo
List of Unclassifed Man...
5523 ETC-5523 Datasheet
31Kb / 1P
High Current RF Chokes
logo
Adafruit Industries
5523 ADAFRUIT-5523 Datasheet
90Kb / 1P
Magnetic USB micro B Plug Tip
12-16-22
logo
Bourns Electronic Solut...
5523-RC BOURNS-5523-RC Datasheet
469Kb / 1P
High Current Chokes
logo
Tyco Electronics
552307-1 MACOM-552307-1 Datasheet
188Kb / 1P
RCPT ASSY, 64 POSITIONS, C SLOT W/ 4-40 TAPPED HOLES, CHAMP-LOK
More results

Similar Description - 5523

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344173 ETC2-1344173 Datasheet
97Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345945 ETC2-1345945 Datasheet
100Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1346630 ETC2-1346630 Datasheet
99Kb / 3P
16 AWG pairs stranded (19x29) tinned copper conductors
1347086 ETC2-1347086 Datasheet
98Kb / 3P
18 AWG stranded (19x30) tinned copper conductors
1347098 ETC2-1347098 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors,
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
18 AWG stranded (16x30) tinned copper conductor, PPO insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com