Electronic Components Datasheet Search
  English  ▼

X  

5944 Datasheet(PDF) 1 Page - Alpha Wire

Part # 5944
Description  28 (7/36) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5944 Datasheet(HTML) 1 Page - Alpha Wire

  5944 Datasheet HTML 1Page - Alpha Wire 5944 Datasheet HTML 2Page - Alpha Wire 5944 Datasheet HTML 3Page - Alpha Wire 5944 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 5944
Construction
 
Diameters (In)
1) Component 1
3 X 1 PAIR
 
a) Conductor
28 (7/36) AWG Tinned Copper
0.015
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.035
(1) Color Code
Alpha Wire Color Code B
Pair Color
Pair Color
Pair Color
1
WHITE-
BLACK
2
WHITE-
BROWN
3
WHITE-RED
c) Pair
2/Cond Cabled Together
 
(1) Twists:
12.0 Twists/foot (min)
 
2) Cable Assembly
3 Components Cabled
 
a) Twists:
6.9 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Shield:
A/P/A Tape, 25% Overlap, Min.
 
a) Drain Wire
28 (7/36) AWG Tinned Copper
 
b) Braid
Tinned Copper,70% Coverage, Nom.
 
4) Jacket
0.032" Wall, Nom.,PVC
0.220 (0.233 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 5944 3PR 28 AWG
XTRAGUARD(R) 1 SHIELDED (UL) TYPE CM 105C SUN RES
OR AWM 2464 80C 300V OR AWM 2517 105C 300V
VW-1 --- LLXXXXXX CSA 105C TYPE CMG FT4
CE ROHS OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications


Similar Part No. - 5944

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
594470 ERNI-594470 Datasheet
148Kb / 1P
FEDERLEISTE SKV C64
logo
List of Unclassifed Man...
5944MTH1R ETC2-5944MTH1R Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5944

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
Molex Electronics Ltd.
0082285809 MOLEX1-0082285809_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285810 MOLEX1-0082285810_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285812 MOLEX1-0082285812_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285813 MOLEX1-0082285813_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285814 MOLEX1-0082285814_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285815 MOLEX1-0082285815_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285816 MOLEX1-0082285816_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
0082285818 MOLEX1-0082285818_17 Datasheet
35Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded, Tinned
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com