Electronic Components Datasheet Search
  English  ▼

X  

LT1019 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1019
Description  Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1019 Datasheet(HTML) 1 Page - Linear Technology

  LT1019 Datasheet HTML 1Page - Linear Technology LT1019 Datasheet HTML 2Page - Linear Technology LT1019 Datasheet HTML 3Page - Linear Technology LT1019 Datasheet HTML 4Page - Linear Technology LT1019 Datasheet HTML 5Page - Linear Technology LT1019 Datasheet HTML 6Page - Linear Technology LT1019 Datasheet HTML 7Page - Linear Technology LT1019 Datasheet HTML 8Page - Linear Technology LT1019 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1019
1019fd
Precision Reference
The LT
®1019 is a third generation bandgap voltage refer-
ence utilizing thin film technology and a greatly improved
curvature correction technique. Wafer level trimming of
both reference and output voltage combines to produce
very low TC and tight initial output voltage tolerance.
The LT1019 can both sink and source up to 10mA and can
be used in either the series or shunt mode, allowing the
reference to operate with positive or negative output
voltages without external components. Minimum input/
output voltage is less than 1V in the series mode, providing
improved tolerance of low line conditions and excellent
line regulation.
The LT1019 is available in four voltages: 2.5V, 4.5V, 5V
and 10V. It is a direct replacement for most bandgap
references presently available including AD580, AD581,
REF-01, REF-02, MC1400, MC1404 and LM168.
■ Tight Initial Output Voltage: < 0.05%
■
Ultralow Drift: 3ppm/°C Typical
■ Series or Shunt Operation
■ Curvature Corrected
■
Ultrahigh Line Rejection: ≈ 0.5ppm/V
■ Low Output Impedance: ≈ 0.02Ω
■ Plug-In Replacement for Present References
■
Available at 2.5V, 4.5V, 5V, and 10V
■ 100% Noise Tested
■ Temperature Output
■
Industrial Temperature Range in SO-8
■ Available in 8-Lead N8 and S8 Packages
■ Negative Shunt References
■ A/D and D/A Converters
■ Precision Regulators
■ Constant Current Sources
■ V/F Converters
■ Bridge Excitation
Ultralinear Strain Gauge
Output Voltage Drift
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATION
–
+
A1
†
LT1637
A2
LT1001
R3
2M
R2
20k
R4
20k
GAIN = 100
R5
2M
R6**
2M
IN
LT1019-5
GND
OUT
15V
5V
357Ω*
0.5W
ACTIVE
ELEMENT
350Ω
BRIDGE
–15V
–5V
357Ω*
0.5W
REDUCES REFERENCE AND AMPLIFIER
LOADING TO ≈0.
IF R6 = R3, BRIDGE IS NOT LOADED BY R2 AND R4.
A1 VOS AND DRIFT ARE NOT CRITICAL BECAUSE A2
ACTS AS A DIFFERENTIAL AMPLIFIER.
*
**
†
LT1019 • TA01
TEMPERATURE (˚C)
–50
1.001
1.002
1.003
25
75
1019 TA02
1.000
0.999
–25
0
50
100
125
0.998
0.997
5ppm/°C
0°C TO 70°C “BOX”
LT1019
CURVE
UNCOMPENSATED
“STANDARD” BANDGAP
DRIFT CURVE
10ppm/°C
FULL TEMP RANGE “BOX”
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1019

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1019 LINER-LT1019 Datasheet
158Kb / 12P
Precision Reference
LT1019 LINER-LT1019 Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
logo
Linear Integrated Syste...
LT1019 LINEAR-LT1019 Datasheet
105Kb / 8P
2.5V Reference
logo
Linear Technology
LT1019 LINER-LT1019 Datasheet
165Kb / 12P
Precision Reference
LT1019-10 LINER-LT1019-10 Datasheet
158Kb / 12P
Precision Reference
More results

Similar Description - LT1019

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
Precision Reference
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Linear Technology
LM199 LINER-LM199_1 Datasheet
141Kb / 8P
Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com