Electronic Components Datasheet Search
  English  ▼

X  

TDA1072AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1072AT
Description  AM receiver circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1072AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1072AT Datasheet HTML 2Page - NXP Semiconductors TDA1072AT Datasheet HTML 3Page - NXP Semiconductors TDA1072AT Datasheet HTML 4Page - NXP Semiconductors TDA1072AT Datasheet HTML 5Page - NXP Semiconductors TDA1072AT Datasheet HTML 6Page - NXP Semiconductors TDA1072AT Datasheet HTML 7Page - NXP Semiconductors TDA1072AT Datasheet HTML 8Page - NXP Semiconductors TDA1072AT Datasheet HTML 9Page - NXP Semiconductors TDA1072AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
March 1989
6
Philips Semiconductors
Product specification
AM receiver circuit
TDA1072AT
CHARACTERISTICS
VP = V13-16 = 8.5 V; Tamb = 25 °C; fi = 1 MHz; fm = 400 Hz; m = 30%; fIF = 460 kHz; measured in test circuit of Fig.1; all
measurements are with respect to ground (pin 16); unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supplies
Supply voltage (pin 13)
V13
7.5
8.5
10
V
Supply current (pin 13)
I13
15
23
27
mA
RF stage and mixer
Input voltage (DC value)
V14-15
−
VP / 2
−
V
RF input impedance at
VI < 300 µVR14-15
−
5.5
−
k
Ω
C14-15
−
25
−
pF
RF input impedance at
VI > 10 mV
R14-15
−
8
−
k
Ω
C14-15
−
22
−
pF
IF output impedance
R1
500
0
0
k
Ω
C1
−
6
−
pF
Conversion transconductance
before start of AGC
I1/VI
−
6.5
−
mA/V
Maximum IF output voltage,
inductive coupling to pin 1,
(peak-to-peak value)
V1(p-p)
−
5
−
V
DC value of output current
(pin 1) at VI = 0 V
I1
−
1.2
−
mA
AGC range of input stage
−
30
−
dB
RF signal handling capability:
input voltage for THD = 3%
at m = 80% (RMS value)
VI(rms)
−
500
−
mV
Oscillator
Frequency range
∆f
0.6
−
60
MHz
Oscillator amplitude
(pins 11 to 12)
(peak-to-peak value)
V11-12(p-p)
−
130
150
mV
External load impedance
R11-12(ext)
0.5
−
200
k
Ω
External load impedance for
no oscillation
R11-12(ext)
−−
60
Ω
Ripple rejection at VP
= 100 mV (RMS value);
fp = 100 Hz
(RR = 20 log [V13/V11])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com