Electronic Components Datasheet Search
  English  ▼

X  

LT1121 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1121
Description  Micropower Low Dropout Regulators with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121 Datasheet(HTML) 3 Page - Linear Technology

  LT1121_07 Datasheet HTML 1Page - Linear Technology LT1121_07 Datasheet HTML 2Page - Linear Technology LT1121_07 Datasheet HTML 3Page - Linear Technology LT1121_07 Datasheet HTML 4Page - Linear Technology LT1121_07 Datasheet HTML 5Page - Linear Technology LT1121_07 Datasheet HTML 6Page - Linear Technology LT1121_07 Datasheet HTML 7Page - Linear Technology LT1121_07 Datasheet HTML 8Page - Linear Technology LT1121_07 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1121/LT1121-3.3/LT1121-5
1121fe
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulated Output Voltage
LT1121-3.3
VIN = 3.8V, IOUT = 1mA, TJ = 25°C
3.250
3.300
3.350
V
(Note 4)
4.3V < VIN < 20V, 1mA < IOUT < 150mA
●
3.200
3.300
3.400
V
LT1121-5
VIN = 5.5V, IOUT = 1mA, TJ = 25°C
4.925
5.000
5.075
V
6V < VIN < 20V, 1mA < IOUT < 150mA
●
4.850
5.000
5.150
V
LT1121 (Note 5)
VIN = 4.3V, IOUT = 1mA, TJ = 25°C
3.695
3.750
3.805
V
4.8V < VIN < 20V, 1mA < IOUT < 150mA
●
3.640
3.750
3.860
V
Line Regulation
LT1121-3.3
ΔVIN = 4.8V to 20V, IOUT = 1mA
●
1.5
10
mV
LT1121-5
ΔVIN = 5.5V to 20V, IOUT = 1mA
●
1.5
10
mV
LT1121 (Note 5)
ΔVIN = 4.3V to 20V, IOUT = 1mA
●
1.5
10
mV
Load Regulation
LT1121-3.3
ΔILOAD = 1mA to 150mA, TJ = 25°C–12
– 25
mV
ΔILOAD = 1mA to 150mA
●
–20
– 40
mV
LT1121-5
ΔILOAD = 1mA to 150mA, TJ = 25°C–17
– 35
mV
ΔILOAD = 1mA to 150mA
●
–28
– 50
mV
LT1121 (Note 5)
ΔILOAD = 1mA to 150mA, TJ = 25°C–12
– 25
mV
ΔILOAD = 1mA to 150mA
●
–18
– 40
mV
Dropout Voltage
ILOAD = 1mA, TJ = 25°C
0.13
0.16
V
(Note 6)
ILOAD = 1mA
●
0.25
V
ILOAD = 50mA, TJ = 25°C
0.30
0.35
V
ILOAD = 50mA
●
0.50
V
ILOAD = 100mA, TJ = 25°C
0.37
0.45
V
ILOAD = 100mA
●
0.60
V
ILOAD = 150mA, TJ = 25°C
0.42
0.55
V
ILOAD = 150mA
●
0.70
V
Ground Pin Current
ILOAD = 0mA
●
30
50
μA
(Note 7)
ILOAD = 1mA
●
90
120
μA
ILOAD = 10mA
●
350
500
μA
ILOAD = 50mA
●
1.5
2.5
mA
ILOAD = 100mA
●
4.0
7.0
mA
ILOAD = 150mA
●
7.0
14.0
mA
Adjust Pin Bias Current (Notes 5, 8)
TJ = 25°C
150
300
nA
Shutdown Threshold
VOUT = Off to On
●
1.2
2.8
V
VOUT = On to Off
●
0.25
0.75
V
Shutdown Pin Current (Note 9)
VSHDN = 0V
●
610
μA
Quiescent Current in Shutdown (Note 10)
VIN = 6V, VSHDN = 0V
●
16
22
μA
Ripple Rejection
VIN – VOUT = 1V (Avg), VRIPPLE = 0.5VP-P,50
58
dB
fRIPPLE = 120Hz, ILOAD = 0.1A
Current Limit
VIN – VOUT = 7V, TJ = 25°C
200
500
mA
Input Reverse Leakage Current
VIN = –20V, VOUT = 0V
●
1.0
mA
Reverse Output Current (Note 11)
LT1121-3.3
VOUT = 3.3V, VIN = 0V
16
25
μA
LT1121-5
VOUT = 5V, VIN = 0V
16
25
μA
LT1121 (Note 5)
VOUT = 3.8V, VIN = 0V
16
25
μA
The
● denotes specifications which apply over the operating temperature
range, otherwise specifications are at TA = 25°C.
Note 2: The shutdown pin input voltage rating is required for a low
impedance source. Internal protection devices connected to the shutdown
pin will turn on and clamp the pin to approximately 7V or – 0.6V. This
range allows the use of 5V logic devices to drive the pin directly. For high
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com