Electronic Components Datasheet Search
  English  ▼

X  

LTC1148 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1148
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1148 Datasheet(HTML) 2 Page - Linear Technology

  LTC1148 Datasheet HTML 1Page - Linear Technology LTC1148 Datasheet HTML 2Page - Linear Technology LTC1148 Datasheet HTML 3Page - Linear Technology LTC1148 Datasheet HTML 4Page - Linear Technology LTC1148 Datasheet HTML 5Page - Linear Technology LTC1148 Datasheet HTML 6Page - Linear Technology LTC1148 Datasheet HTML 7Page - Linear Technology LTC1148 Datasheet HTML 8Page - Linear Technology LTC1148 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1148
LTC1148-3.3/LTC1148-5
114835fd
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART
NUMBER
LTC1148CN
LTC1148HVCN
LTC1148CN-3.3
LTC1148HVCN-3.3
LTC1148CN-5
LTC1148HVCN-5
LTC1148CS
LTC1148HVCS
LTC1148LCS
LTC1148CS-3.3
LTC1148HVCS-3.3
LTC1148LCS-3.3
LTC1148CS-5
LTC1148HVCS-5
LTC1148HVIS-5
PACKAGE/ORDER I FOR ATIO
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V9
Feedback Voltage (LTC1148, LTC1148L,
VIN = 9V
●
1.21
1.25
1.29
V
LTC1148HV)
I9
Feedback Current (LTC1148, LTC1148L,
●
0.2
1
µA
LTC1148HV)
VOUT
Regulated Output Voltage
VIN = 9V
LTC1148-3.3, LTC1148HV-3.3, LTC1148L-3.3 ILOAD = 700mA
●
3.23
3.33
3.43
V
LTC1148-5, LTC1148HV-5
ILOAD = 700mA
●
4.90
5.05
5.20
V
∆VOUT
Output Voltage Line Regulation
VIN = 7V to 12V, ILOAD = 50mA
– 40
0
40
mV
Output Voltage Load Regulation
LTC1148-3.3, LTC1148HV-3.3, LTC1148L-3.3 5mA < ILOAD < 2A
●
40
65
mV
LTC1148-5, LTC1148HV-5
5mA < ILOAD < 2A
●
60
100
mV
Output Ripple (Burst Mode)
ILOAD = 0A
50
mVP-P
IQ
Input DC Supply Current (Note 3)
(Note 7)
LTC1148 Series
Normal Mode
4V < VIN < 12V
1.6
2.1
mA
Sleep Mode
4V < VIN < 12V
160
230
µA
Sleep Mode (LTC1148-5)
6V < VIN < 12V
160
230
µA
Shutdown
VSHUTDOWN = 2.1V, 4V < VIN < 12V
10
20
µA
LTC1148HV Series
Normal Mode
4V < VIN < 18V
1.6
2.3
mA
Sleep Mode
4V < VIN < 18V
160
250
µA
Sleep Mode (LTC1148HV-5)
6V < VIN < 18V
160
250
µA
Shutdown
VSHUTDOWN = 2.1V, 4V < VIN < 18V
10
22
µA
LTC1148L Series
Normal Mode
3.5V < VIN < 12V
1.6
2.1
mA
Sleep Mode
3.5V < VIN < 12V
160
230
µA
Shutdown
VSHUTDOWN = 2.1V, 3.5V < VIN < 12V
10
20
µA
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VSHUTDOWN = 0V unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
1
2
3
4
5
6
7
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
P-DRIVE
NC
VIN
CT
INTVCC
ITH
SENSE–
N-DRIVE
NC
PGND
SGND
SHUTDOWN
VFB*
SENSE+
*FIXED OUTPUT VERSIONS = NC
TJMAX = 125°C, θJA = 70°C/ W (N)
TJMAX = 125°C, θJA = 110°C/ W (S)
(Note 1)
Input Supply Voltage (Pin 3)
LTC1148 and LTC1148L Series ............ 16V to – 0.3V
LTC1148HV Series ............................... 20V to – 0.3V
Continuous Output Current (Pins 1, 14) .............. 50mA
Sense Voltages (Pins 7, 8)
LTC1148HV (Adjustable Only)
VIN ≥ 12.7V ...................................... 13V to – 0.3V
VIN < 12.7V ......................... (VIN + 0.3V) to – 0.3V
Operating Ambient Temperature Range ...... 0°C to 70°C
Extended Commercial and Industrial
Temperature Range ............................... – 40°C to 85°C
Junction Temperature (Note 2) ............................ 125°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com