Electronic Components Datasheet Search
  English  ▼

X  

TDA1074 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1074
Description  Dual tandem electronic potentiometer circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1074 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1074 Datasheet HTML 1Page - NXP Semiconductors TDA1074 Datasheet HTML 2Page - NXP Semiconductors TDA1074 Datasheet HTML 3Page - NXP Semiconductors TDA1074 Datasheet HTML 4Page - NXP Semiconductors TDA1074 Datasheet HTML 5Page - NXP Semiconductors TDA1074 Datasheet HTML 6Page - NXP Semiconductors TDA1074 Datasheet HTML 7Page - NXP Semiconductors TDA1074 Datasheet HTML 8Page - NXP Semiconductors TDA1074 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
December 1982
2
Philips Semiconductors
Product specification
Dual tandem electronic
potentiometer circuit
TDA1074A
GENERAL DESCRIPTION
The TDA1074A is a monolithic integrated circuit designed for use as volume and tone control circuit in stereo amplifiers.
This dual tandem potentiometer IC consists of two ganged pairs of electronic potentiometers with the eight inputs
connected via impedance converters, and the four outputs driving individual operational amplifiers. The setting of each
electronic potentiometer pair is controlled by an individual d.c. control voltage. The potentiometers operate by current
division between the arms of cross-coupled long-tailed pairs. The current division factor is determined by the level and
polarity of the d.c. control voltage with respect to an externally available reference level of half the supply voltage. Since
the electronic potentiometers are adjusted by a d.c. control voltage, each pair can be controlled by single linear
potentiometers which can be located in any position dictated by the equipment styling. Since the input feedback
impedances around the operational amplifier gain blocks are external, the TDA1074A can perform bass/treble and
volume/loudness control. It also can be used as a low-level fader to control the sound distribution between the front and
rear loudspeakers in car radio installations.
Features
• High impedance inputs to both ‘ends’ of each electronic potentiometer
• Ganged potentiometers track within 0,5 dB
• Electronic rejection of supply ripple
• Internally generated reference level available externally so that the control voltage can be made to swing positively
and negatively around a well-defined 0 V level
• The operational amplifiers have push-pull outputs for wide voltage swing and low current consumption
• The operational amplifier outputs are current limited to provide output short-circuit protection
• Although designed to operate from a 20 V supply (giving a maximum input and output signal level of 6 V), the
TDA1074A can work from a supply as low as 7,5 V with reduced input and output signal levels.
QUICK REFERENCE DATA
PACKAGE OUTLINE
18-lead DIL; plastic (SOT102); SOT102-1; 1996 July 18.
Supply voltage (pin 11)
VP
typ.
20 V
Supply current (pin 11)
IP
typ.
22 mA
Input signal voltage (r.m.s. value)
Vi(rms)
max.
6 V
Output signal voltage (r.m.s. value)
Vo(rms)
max.
6 V
Total harmonic distortion
THD
typ.
0,05 %
Output noise voltage (r.m.s. value)
Vno(rms)
typ.
50
µV
Control range
∆α
typ.
110 dB
Cross-talk attenuation (L/R)
α
ct
typ.
80 dB
Ripple rejection (100 Hz)
α
100
typ.
46 dB
Tracking of ganged potentiometers
∆G
v
typ.
0,5 dB
Supply voltage range
VP
7,5 to 23 V
Operating ambient temperature range
Tamb
−30 to + 80 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com