Electronic Components Datasheet Search
  English  ▼

X  

MAX2016 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2016
Description  Evaluation Kit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2016 Datasheet HTML 1Page - Maxim Integrated Products MAX2016 Datasheet HTML 2Page - Maxim Integrated Products MAX2016 Datasheet HTML 3Page - Maxim Integrated Products MAX2016 Datasheet HTML 4Page - Maxim Integrated Products MAX2016 Datasheet HTML 5Page - Maxim Integrated Products MAX2016 Datasheet HTML 6Page - Maxim Integrated Products MAX2016 Datasheet HTML 7Page - Maxim Integrated Products MAX2016 Datasheet HTML 8Page - Maxim Integrated Products MAX2016 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX2016 evaluation kit (EV kit) is a fully assembled
and tested surface-mount PCB that allows for easy
evaluation of the MAX2016 dual logarithmic
detector/controller. The MAX2016 EV kit includes con-
nections to operate the device as a detector or as a
controller. The RF inputs utilize 50Ω SMA connectors
for convenient connections to test equipment.
Features
♦ Complete Gain and VSWR Detector/Controller
♦ Dual-Channel RF Power Detector/Controller
♦ Low Frequency to 2.5GHz Frequency Range
♦ Exceptional Accuracy Over Temperature
♦ High 80dB Dynamic Range
♦ 2.7V to 5.25V* Supply Voltage Range
♦ Internal 2V Reference
♦ Scaling Stable Over Supply and Temperature
Variations
♦ Controller Mode with Error Output
♦ Available in 5mm x 5mm, 28-Pin Thin QFN
Package
*See the Power-Supply Connection section.
MAX2016 Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
DESIGNATION
QTY
DESCRIPTION
C1, C2, C8, C9
4
680pF
±5%, 50V C0G ceramic
capacitors (0402)
Murata GRP1555C1H681J
C3, C6, C10,
C13
4
33pF
±5%, 50V C0G ceramic
capacitors (0402)
Murata GRP1555C1H330J
C4, C7, C11,
C14
4
0.1µF
±10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C104K
C5, C12, C15
0
Not installed, capacitors (0603)
C16, C17
0
Not installed, capacitors (0402)
C18
1
10µF
±10%, 16V tantalum capacitor
(C case)
AVX TAJC106K016R
J1, J2
2
PCB edge-mount SMA RF
connectors (flat-tab launch)
Johnson 142-0741-856
Ordering Information
19-3453; Rev 1; 12/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX2016EVKIT
-40
°C to +85°C
28 Thin QFN-EP**
**EP = Exposed paddle.
DESIGNATION
QTY
DESCRIPTION
R1–R5
5
0
Ω resistors (0402)
Any
R6
1
0
Ω resistor (1206)
Any
R7–R10
0
Not installed, resistors
TP1
1
Large test point for 0.062in PCB
(red)
Mouser 151-107 or equivalent
TP2, TP4, TP9
3
Large test points for 0.062in PC
board (black)
Mouser 151-103 or equivalent
TP3, TP5–TP8,
TP10
6
Large test points for 0.062in PC
board (white)
Mouser 151-101 or equivalent
TP11, TP12,
TP13
0
Not installed, test points
U1
1
MAX2016ETI†
—
1
PCB: MAX2016EVKIT
Component List
†The exposed paddle conductor on U1 must be solder-attached
to a grounded pad on the PCB to ensure a proper electrical/ther-
mal design.
SUPPLIER
PHONE
WEBSITE
AVX Corp.
803-946-0690
www.avx.com
Murata Mfg. Co., Ltd.
770-436-1300
www.murata.com
Component Suppliers
Note: Indicate that you are using the MAX2016 when contact-
ing these component suppliers.


Similar Part No. - MAX2016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2016 MAXIM-MAX2016 Datasheet
405Kb / 19P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 0; 9/04
MAX2016 MAXIM-MAX2016 Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2016ETI MAXIM-MAX2016ETI Datasheet
405Kb / 19P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 0; 9/04
MAX2016ETI MAXIM-MAX2016ETI Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2016ETI+D MAXIM-MAX2016ETI+D Datasheet
405Kb / 19P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 0; 9/04
More results

Similar Description - MAX2016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com