Electronic Components Datasheet Search
  English  ▼

X  

AH1801 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH1801
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1801 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH1801 Datasheet HTML 1Page - Diodes Incorporated AH1801 Datasheet HTML 2Page - Diodes Incorporated AH1801 Datasheet HTML 3Page - Diodes Incorporated AH1801 Datasheet HTML 4Page - Diodes Incorporated AH1801 Datasheet HTML 5Page - Diodes Incorporated AH1801 Datasheet HTML 6Page - Diodes Incorporated AH1801 Datasheet HTML 7Page - Diodes Incorporated AH1801 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1801 Rev. 4
3 of 8
JULY 2007
www.diodes.com
© Diodes Incorporated
Output
3
GND
2
Logical
Latch
Latch
Power
switch
1
Vdd
Hall Plate
Amp
Hall Plate
Amp
AH1801
2.5~5.5V
Output
GND
R
L
Absolute Maximum Ratings
(at TA = 25°C)
Symbol
Characteristics
Values
Unit
Vdd
Supply voltage
7
V
B
Magnetic flux density
Unlimited
Ta
Operating Temperature Range
-40 to +85
°C
Ts
Storage Temperature Range
-65 to +150
°C
SC59
DFN2020-3
PD
Package Power Dissipation
DFN2020-6
230
mW
TJ
Maximum Junction Temp
150
°C
Block Diagram
Typical Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com