Electronic Components Datasheet Search
  English  ▼

X  

74005 Datasheet(PDF) 1 Page - Alpha Wire

Part # 74005
Description  22 (19/34) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

74005 Datasheet(HTML) 1 Page - Alpha Wire

  74005 Datasheet HTML 1Page - Alpha Wire 74005 Datasheet HTML 2Page - Alpha Wire 74005 Datasheet HTML 3Page - Alpha Wire 74005 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 74005
Construction
Diameter ("in")
1) Component 1
1 x 4 COND
a) Conductor
22 (19/34) AWG Tinned Copper
0.032
b) Insulation
0.0145" Wall, Nom. Polypropylene (PP)
0.061
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
WHITE
3
YELLOW
2
BLUE
4
ORANGE
c) Cabling
4 COND Cabled
(1) Twists
6.9 Twists/ft. (min.)
d) Jacket
0.010" Wall, Nom., TPE
0.169
(1) Color(s)
WHITE
2) Shield
Alum/Mylar Tape, 25% Overlap (min.)
a) Foil Direction
Foil Facing Out
b) Braid
Tinned Copper, 85% Coverage (min.)
3) Jacket
0.031" Wall, Nom., TPU (ZH)
0.256 (0.271 max.)
a) Color(s)
GREEN
b) Jacket Separator
Nonwoven Polyester Tape, 25% Overlap (min.)
c) Print
ALPHA WIRE-* P/N 74005 4C 22 AWG
INDUSTRIAL ETHERNET PROFINET TYPE C
SHIELDED CAT5 FT2
CE ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications
1) CSA International
FT2
2) IEC
EN 60811-2-1 Oil Resistance
3) Other
ISO/IEC 11801 Category 5
4) CE
EU Low Voltage Directive 2014/35/EC


Similar Part No. - 74005

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
74005E BELDEN-74005E Datasheet
164Kb / 2P
DataTuff® 7, 4PR #26 Str BC, PO ins, S/FTP, PVC jkt, AWM 20121
2022 Belden, Inc
74005E.01500 BELDEN-74005E.01500 Datasheet
164Kb / 2P
DataTuff® 7, 4PR #26 Str BC, PO ins, S/FTP, PVC jkt, AWM 20121
2022 Belden, Inc
74005NH BELDEN-74005NH Datasheet
171Kb / 3P
DataTuff® 7, 4PR #26 Str BC, PO ins, S/FTP, LSNH Jkt, AWM 20851
2022 Belden, Inc
74005NH.01500 BELDEN-74005NH.01500 Datasheet
171Kb / 3P
DataTuff® 7, 4PR #26 Str BC, PO ins, S/FTP, LSNH Jkt, AWM 20851
2022 Belden, Inc
74005NH.06500 BELDEN-74005NH.06500 Datasheet
171Kb / 3P
DataTuff® 7, 4PR #26 Str BC, PO ins, S/FTP, LSNH Jkt, AWM 20851
2022 Belden, Inc
More results

Similar Description - 74005

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com