Electronic Components Datasheet Search
  English  ▼

X  

TDA1302T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1302T
Description  Data amplifier and laser supply circuit for CD player and read only optical systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1302T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1302T Datasheet HTML 4Page - NXP Semiconductors TDA1302T Datasheet HTML 5Page - NXP Semiconductors TDA1302T Datasheet HTML 6Page - NXP Semiconductors TDA1302T Datasheet HTML 7Page - NXP Semiconductors TDA1302T Datasheet HTML 8Page - NXP Semiconductors TDA1302T Datasheet HTML 9Page - NXP Semiconductors TDA1302T Datasheet HTML 10Page - NXP Semiconductors TDA1302T Datasheet HTML 11Page - NXP Semiconductors TDA1302T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TDA1302_1
9 Wed Sep 14 13:30:56 1994
September 1994
9
Philips Semiconductors
Preliminary specification
Data amplifier and laser supply circuit for
CD player and read only optical systems
TDA1302T
Notes to the characteristics
1. The maximum input current is defined as the current in which the gain reaches its minimum. Increasing the supply
voltage to VDD = 5 V increases the maximum input current (see also Figs 4 and 5).
2. The gain increases if a larger supply voltage is used (see also Fig.6).
3. Icsin is the sum of the diode input currents 1 to 4; Itsin is the sum of the diode input currents 5 and 6.
4. Transresistance 120 k
Ω means LOW gain, selected if HG = logic 0 (see Table 1).
5. Transresistance 240 k
Ω means HIGH gain, selected if HG = logic 1 (see Table 1).
6. Output voltage swing will be: VSRRF = VRFMO = VRFO(p-p).
7. Refers to equalized output only.
8.
For single speed the gain ratio is defined as gain difference between 1 MHz and 100 kHz, while the flatness delay
is defined up to 1 MHz (see also Fig.7). For double speed the gain ratio is defined as gain difference between 2 MHz
and 200 kHz, while the flatness delay is defined up to 2 MHz.
Transfer function
The equalized amplifier including Cext and Rext has the following transfer functions, where ‘rfe’ refers to equalized output
only and ‘rf’ refers to equalized and not equalized outputs.
FOR SINGLE SPEED (SP = LOGIC 1)
(1)
FOR DOUBLE SPEED (SP = LOGIC 0)
(2)
The denominator forms the denominator of a Bessel low-pass filter.
Table 2 Transresistance.
SYMBOL
DESCRIPTION
TYP.
UNIT
k
internally defined
4
ω
os/ω1 = ωod/ω2
internally defined
1.094
Q
internally defined
0.691
ω
od = 2 × ωos
internally defined
17.6
× 10−6
rad/s
RRF
see Chapter “Characteristics”
−
Rext
external resistor
750
Ω
Cext
external capacitor
47
pF
V
rfe
I
csin
----------
R
rf
1
ks
2
–
ω
2
os
⁄
1
1 Q
⁄
s
ω
os
⁄
s
2 ω2
os
⁄
+
×
+
------------------------------------------------------------------------
1
1
s
ω
1
⁄
+
-----------------------
1
1
sR
ext
C
ext
×
+
------------------------------------------
×
×
×
=
V
rfe
I
csin
----------
R
rf
1
ks
2
–
ω
2
os
⁄
1
1 Q
⁄
s
ω
od
⁄
s
2 ω2
od
⁄
+
×
+
-------------------------------------------------------------------------
1
1
sR
ext
C
ext
×
+
------------------------------------------
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com