Electronic Components Datasheet Search
  English  ▼

X  

74010 Datasheet(PDF) 2 Page - Alpha Wire

Part # 74010
Description  23 (SOLID) AWG Bare Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

74010 Datasheet(HTML) 2 Page - Alpha Wire

  74010 Datasheet HTML 1Page - Alpha Wire 74010 Datasheet HTML 2Page - Alpha Wire 74010 Datasheet HTML 3Page - Alpha Wire 74010 Datasheet HTML 4Page - Alpha Wire 74010 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1) UL
CMR
75°C
2) CSA International
C(UL) TYPE CMR
75°C
FT4
3) Other
TIA-568-C.2 Cat6
ISO/IEC 11801 Category 6
4) CE
EU Low Voltage Directive 2014/35/EC
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2)
This product complies with European Directive 2011/65/EU (RoHS Directive) of the European
Parliament and of the Council of 8 June 2011and the amending Directive 2015/863/EU of 4
June 2015. No exemptions are required for RoHS Compliance on this item. Refer to the RoHS
Certificate of Compliance for more detail.
2) REACH Regulation (EC 1907/2006)
This product does not contain Substances of Very High Concern (SVHC) listed on the European
Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date information,
please see Alpha's REACH SVHC Declaration.
3) California Proposition 65
Exempt from warning labels based on the Consent Judgment. Please see Alpha's CA Prop 65
Statement for more information.
Properties
Physical & Mechanical Properties
1) Temperature Range
-25 to 75°C
2) Bend Radius
4X Cable Diameter
3) Pull Tension
32 lbs. max.
4) Sunlight Resistance
Yes
5) Cable Weight
30 lbs./1000ft.
Electrical Properties
Engineering purposes only
1) Voltage Rating
300 VRMS
2) Characteristic Impedance
100 ω +/- 15
3) Mutual Capacitance
15 pF/ft @1 kHz, Nominal
4) Velocity of Propagation
70%
5) Conductor DCR
27.4 ω/1000ft. @20°C, Nominal



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com