Electronic Components Datasheet Search
  English  ▼

X  

9448 Datasheet(PDF) 1 Page - Alpha Wire

Part # 9448
Description  48 (7/56) AWG Silver Copper Alloy
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

9448 Datasheet(HTML) 1 Page - Alpha Wire

  9448 Datasheet HTML 1Page - Alpha Wire 9448 Datasheet HTML 2Page - Alpha Wire 9448 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 9448
Construction
Diameter ("in")
1) Component 1
1 x 1 COAX
a) Conductor
48 (7/56) AWG Silver Copper Alloy
0.0015
b) Insulation
0.0011" Wall, Nom. PFA
0.0037
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
YELLOW
2) Shield
Silver Platted Copper Alloy SPIRAL Shield, 90% Coverage, min.
3) Jacket
0.0009" Wall, Nom., PFA
0.0068
a) Color(s)
WHITE
Applicable Specifications
1) CE
EU Low Voltage Directive 2006/95/EC
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2)
This product complies with European Directive 2011/65/EU (RoHS Directive) of the European
Parliament and of the Council of 8 June 2011. No exemptions are required for RoHS
Compliance on this item. Refer to the RoHS Certificate of Compliance for more detail.
2) REACH Regulation (EC 1907/2006)
This product does not contain Substances of Very High Concern (SVHC) listed on the European
Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date information,
please see Alpha's REACH SVHC Declaration.


Similar Part No. - 9448

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9448 KEYSTONE-9448 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
3M Electronics
9448A 3M-9448A Datasheet
82Kb / 4P
Double Coated Tissue Tape
Jan-2009
9448AB 3M-9448AB Datasheet
82Kb / 4P
Double Coated Tissue Tape
Jan-2009
More results

Similar Description - 9448

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
03-RA11CA1100 E-SWITCH-03-RA11CA1100 Datasheet
70Kb / 1P
Silver Alloy over Copper
03-RA12DA1100 E-SWITCH-03-RA12DA1100 Datasheet
70Kb / 1P
Silver Alloy over Copper
03-RA111A1121 E-SWITCH-03-RA111A1121 Datasheet
76Kb / 1P
Silver Alloy over Copper
03-RA113A1100 E-SWITCH-03-RA113A1100 Datasheet
73Kb / 1P
Silver Alloy over Copper
03-RA121A1100 E-SWITCH-03-RA121A1100 Datasheet
73Kb / 1P
Silver Alloy over Copper
14-RB1S00028 E-SWITCH-14-RB1S00028 Datasheet
94Kb / 1P
Silver Alloy over Copper
14-RB1S00030 E-SWITCH-14-RB1S00030 Datasheet
89Kb / 1P
Silver Alloy over Copper
38-RB4FS00253 E-SWITCH-38-RB4FS00253 Datasheet
115Kb / 1P
Silver Alloy Clad Copper
38-RB242C1100234 E-SWITCH-38-RB242C1100234 Datasheet
78Kb / 1P
Silver Alloy Clad copper
38-RR11131100246 E-SWITCH-38-RR11131100246 Datasheet
70Kb / 1P
Silver Alloy Plated Copper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com