Electronic Components Datasheet Search
  English  ▼

X  

9849 Datasheet(PDF) 1 Page - Alpha Wire

Part # 9849
Description  26 (7/34) AWG Silver Plated Copper Non-Magnetic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

9849 Datasheet(HTML) 1 Page - Alpha Wire

  9849 Datasheet HTML 1Page - Alpha Wire 9849 Datasheet HTML 2Page - Alpha Wire 9849 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 9849
Construction
Diameter ("in")
1) Component 1
1 x 1 COAX
a) Conductor
26 (7/34) AWG Silver Plated Copper Non-Magnetic
0.0189
b) Insulation
0.0185" Wall, Nom. FEP
0.0559
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
CLEAR
2) Shield
Non-Magnetic Silver Platted Copper BRAID Shield, 95%
Coverage (min.)
3) Jacket
0.012" Wall, Nom., FEP
0.100+/- 0.003
a) Color(s)
CLEAR, BLACK, BROWN, RED, ORANGE, YELLOW, GREEN,
BLUE, VIOLET, SLATE, WHITE.
Applicable Specifications
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3)
This product complies with European Directive 2011/65/EU (RoHS
Directive) of the European Parliament and of the Council of 8 June
2011 and the amending Directive 2015/863/EU of 4 June 2015 . No
exemptions are required for RoHS Compliance on this item.
2) REACH Regulation (EC 1907/2006)
This product does not contain Substances of Very High Concern
(SVHC) listed on the European Union's REACH candidate list in
excess of 0.1% mass of the item.


Similar Part No. - 9849

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9849 FESTO-9849 Datasheet
80Kb / 1P
Micro reflex sensor
More results

Similar Description - 9849

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RB1S00147 E-SWITCH-14-RB1S00147 Datasheet
90Kb / 1P
Silver Plated Copper
14-RB1S00231 E-SWITCH-14-RB1S00231 Datasheet
64Kb / 1P
Silver Plated Copper
14-RB14DE1100 E-SWITCH-14-RB14DE1100 Datasheet
62Kb / 1P
Silver Plated Copper
14-RB141D1121 E-SWITCH-14-RB141D1121 Datasheet
85Kb / 1P
Silver Plated Copper
14-RB141D1000114 E-SWITCH-14-RB141D1000114 Datasheet
89Kb / 1P
Silver Plated Copper
14-RB141D1100246 E-SWITCH-14-RB141D1100246 Datasheet
132Kb / 1P
Silver Plated Copper
14-RB143D1100 E-SWITCH-14-RB143D1100 Datasheet
81Kb / 1P
Silver Plated Copper
logo
List of Unclassifed Man...
1351320 ETC2-1351320 Datasheet
101Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
1682731 ETC2-1682731 Datasheet
104Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
83284 ETC2-83284 Datasheet
100Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com