Electronic Components Datasheet Search
  English  ▼

X  

M5666 Datasheet(PDF) 2 Page - Alpha Wire

Part # M5666
Description  22 (7/30) AWG Tinned Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M5666 Datasheet(HTML) 2 Page - Alpha Wire

  M5666 Datasheet HTML 1Page - Alpha Wire M5666 Datasheet HTML 2Page - Alpha Wire M5666 Datasheet HTML 3Page - Alpha Wire M5666 Datasheet HTML 4Page - Alpha Wire M5666 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Diameter ("in")
1) Component 1
37 x 1 PAIR
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.010" Wall, Nom. PVC, Semi-Rigid
0.050
(1) Color Code
Alpha Wire Color Code B
Pair Color
Pair Color
Pair Color
1
WHITE-
BLACK
14
BLACK-
GREEN
27
RED-GREEN
2
WHITE-
BROWN
15
BLACK-
BLUE
28
RED-BLUE
3
WHITE-RED 16
BLACK-
VIOLET
29
RED-VIOLET
4
WHITE-
ORANGE
17
BLACK-
SLATE
30
RED-SLATE
5
WHITE-
YELLOW
18
BROWN-
RED
31
ORANGE-
YELLOW
6
WHITE-
GREEN
19
BROWN-
ORANGE
32
ORANGE-
GREEN
7
WHITE-
BLUE
20
BROWN-
YELLOW
33
ORANGE-
BLUE
8
WHITE-
VIOLET
21
BROWN-
GREEN
34
ORANGE-
VIOLET
9
WHITE-
SLATE
22
BROWN-
BLUE
35
ORANGE-
SLATE
10
BLACK-
BROWN
23
BROWN-
VIOLET
36
YELLOW-
GREEN
11
BLACK-RED 24
BROWN-
SLATE
37
YELLOW-
BLUE
12
BLACK-
ORANGE
25
RED-
ORANGE
13
BLACK-
YELLOW
26
RED-
YELLOW
c) Pair
2/Cond Cabled Together
(1) Twists
8.0 twists/ft. (min.)
2) Cable Assembly
37 Components Cabled
a) Twists
1.4 twists/ft. (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 20% Overlap (min.)
3) Shield
Alum/Mylar Tape, 20% Overlap (min.)
a) Foil Direction
Foil Facing Out
b) Drain Wire
22 (7/30) AWG Tinned Copper
c) Braid
Tinned Copper, 70% Coverage, Nom.
4) Jacket
0.063" Wall, Nom., PVC
0.735 (0.771 Max.)
a) Color(s)
SLATE
b) Ripcord
1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N M5666 37PR 22 AWG
EXXXXXX SHIELDED 75C CMG (UL) C(UL) OR
AWM 2343 CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com