Electronic Components Datasheet Search
  English  ▼

X  

LTC1174CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1174CS8
Description  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1174CS8 Datasheet HTML 9Page - Linear Technology LTC1174CS8 Datasheet HTML 10Page - Linear Technology LTC1174CS8 Datasheet HTML 11Page - Linear Technology LTC1174CS8 Datasheet HTML 12Page - Linear Technology LTC1174CS8 Datasheet HTML 13Page - Linear Technology LTC1174CS8 Datasheet HTML 14Page - Linear Technology LTC1174CS8 Datasheet HTML 15Page - Linear Technology LTC1174CS8 Datasheet HTML 16Page - Linear Technology LTC1174CS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1174
LTC1174-3.3/LTC1174-5
1174fe
TYPICAL APPLICATIO S
High Efficiency 3.3V Regulator
6V to 5V Step-Down Regulator with Low-Battery Detection
1174 TA03
INPUT VOLTAGE
6V
3
LTC1174-5
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VOUT
SW
2
7
6
8
1
5
4
L1
†
100
µH
VOUT
5V
365mA
47
µF**
16V
×2
D1
0.1
µF
*LOW-
BATTERY
INDICATOR
4.7k
162k
47.5k
*
**
D1
†
LOW-BATTERY INDICATOR
IS SET TO TRIP AT VIN = 5.5V
AVX TPSD476K016
= MBRS140T3 (SURFACE MOUNT)
1N5818
L1 SELECTION
MANUFACTURER
COILTRONICS
SUMIDA
GOWANDA
PART NO.
CTX100-4
CD75-101
GA10-103K
TYPE
SURFACE MOUNT
SURFACE MOUNT
THROUGH HOLE
+
47
µF**
16V
×2
+
1174 TA04
3
LTC1174-3.3
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VOUT
SW
2
7
6
8
1
5
4
50
µH†
VOUT
3.3V
425mA
22
µF*
25V
×3
1N5818
0.1
µF
47
µF**
16V
×2
INPUT VOLTAGE
4V TO 12.5V
*
**
†
AVX TPSD226K025
AVX TPSD476K016
COILTRONICS CTX50-4
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com