Electronic Components Datasheet Search
  English  ▼

X  

LT1187 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1187
Description  Low Power Video Difference Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1187 Datasheet(HTML) 1 Page - Linear Technology

  LT1187 Datasheet HTML 1Page - Linear Technology LT1187 Datasheet HTML 2Page - Linear Technology LT1187 Datasheet HTML 3Page - Linear Technology LT1187 Datasheet HTML 4Page - Linear Technology LT1187 Datasheet HTML 5Page - Linear Technology LT1187 Datasheet HTML 6Page - Linear Technology LT1187 Datasheet HTML 7Page - Linear Technology LT1187 Datasheet HTML 8Page - Linear Technology LT1187 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1187
1
1187fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low Power
Video Difference Amplifier
The LT
®1187 is a difference amplifier optimized for op-
eration on ±5V, or a single 5V supply and gain ≥2. This
versatile amplifier features uncommitted high input imped-
ance (+) and (–) inputs, and can be used in differential
or single-ended configurations. Additionally, a second
set of inputs give gain adjustment and DC control to the
difference amplifier.
The LT1187’s high slew rate, 165V/ms, wide bandwidth,
50MHz, and ±20mA output current require only 13mA of
supply current. The shutdown feature reduces the power
dissipation to a mere 15mW and allows multiple amplifiers
to drive the same cable.
The LT1187 is a low power version of the popular LT1193,
and is available in 8-pin miniDIPs and SO packages. For
applications with gains of 10 or more, see the LT1189
data sheet.
Cable Sense Amplfier for Loop Through Connections with DC Adjust
■ Differential or Single-Ended Gain Block (Adjustable)
■ –3dB Bandwidth, AV = ±2: 50MHz
■ Slew Rate: 165V/µs
■ Low Supply Current: 13mA
■ Output Current: ±20mA
■ CMRR at 10MHz: 40dB
■ LT1193 Pin Compatible
■ Low Cost
■ Single 5V Operation
■ Drives Cables Directly
■ Output Shutdown
■ Available in 8-Lead PDIP and SO Packages
■ Line Receivers
■ Video Signal Processing
■ Cable Drivers
■ Tape and Disc Drive Systems
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
LT1187 • TA01
CABLE
DC
V
5V
7
6
LT1187
–5V
4
+
+
3
1
–
–
2
8
1k
OUT
V
IN
V
1k
FREQUENCY (MHz)
0
10
20
30
40
0.1
10
100
LT1187 • TA02
–10
1
VS = ±5V
RL = 1k
Closed-Loop Gain vs Frequency


Similar Part No. - LT1187

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
Low Power Video Difference Amplifier
LT1187 LINER-LT1187 Datasheet
420Kb / 16P
Low Power Video Difference Amplifi er
logo
Analog Devices
LT1187 AD-LT1187 Datasheet
586Kb / 18P
Low Power Video Difference Amplifier
1187fb
logo
Linear Technology
LT1187C LINER-LT1187C Datasheet
385Kb / 12P
Low Power Video Difference Amplifier
LT1187CJ8 LINER-LT1187CJ8 Datasheet
385Kb / 12P
Low Power Video Difference Amplifier
More results

Similar Description - LT1187

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
Low Power Video Difference Amplifier
LT1189 LINER-LT1189 Datasheet
349Kb / 12P
Low Power Video Difference Amplifier
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
Low Noise Amplifi er
logo
Sanyo Semicon Device
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
Low-Frequency Power Amplifi er Applications
logo
Linear Technology
LT1187 LINER-LT1187_15 Datasheet
420Kb / 16P
Low Power Video Difference Amplifi er
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
Low Power Video Difference Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
Low Noise Amplifi er
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
logo
Mini-Circuits
ZHL-100W-13 MINI-ZHL-100W-13 Datasheet
391Kb / 3P
High Power Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com