Electronic Components Datasheet Search
  English  ▼

X  

LPV521 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments LPV521 Datasheet HTML 23Page - Texas Instruments LPV521 Datasheet HTML 24Page - Texas Instruments LPV521 Datasheet HTML 25Page - Texas Instruments LPV521 Datasheet HTML 26Page - Texas Instruments LPV521 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
7.2.2.2 Detailed Design Procedure
Figure 7-5 shows a typical circuit used to amplify the output of an oxygen detector. The oxygen sensor outputs
a known current through the load resistor. This value changes with the amount of oxygen present in the air
sample. Oxygen sensors usually recommend a particular load resistor value or specify a range of acceptable
values for the load resistor. The use of the nanopower LPV521 means minimal power usage by the op amp,
and enhanced battery life. With the components shown in Figure 7-5, the circuit consumes less than 0.5µA
of current, so that even batteries used in compact portable electronics, with low mAh charge ratings, can last
beyond the life of the oxygen sensor. The precision specifications of the LPV521, such as the very low offset
voltage, low TCVOS, low input bias current, high CMRR, and high PSRR are other factors that make the LPV521
a great choice for this application.
7.2.2.3 Application Curve
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
VSENSOR (mV)
C001
Figure 7-6. Calculated Oxygen Sensor Circuit Output (Single 5V Supply)
7.2.3 High-Side Battery Current Sensing
10:
VOUT
LOAD
Q1
2N2907
RSENSE
R1
24.9 k:
R2
24.9 k:
R3
10 M:
ICHARGE
V
+
V
+
VOUT =
X ICHARGE
RSENSE X R3
R1
Figure 7-7. High-Side Current Sensing
7.2.3.1 Design Requirements
The rail-to-rail common-mode input range and the very low quiescent current make the LPV521 an excellent
choice for use in high-side and low-side battery current-sensing applications. The high-side current-sensing
circuit in Figure 7-7 is commonly used in a battery charger to monitor the charging current to prevent
overcharging. A sense resistor RSENSE is connected in series with the battery.
www.ti.com
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com