Electronic Components Datasheet Search
  English  ▼

X  

LT1187CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1187CS8
Description  Low Power Video Difference Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1187CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1187CS8 Datasheet HTML 8Page - Linear Technology LT1187CS8 Datasheet HTML 9Page - Linear Technology LT1187CS8 Datasheet HTML 10Page - Linear Technology LT1187CS8 Datasheet HTML 11Page - Linear Technology LT1187CS8 Datasheet HTML 12Page - Linear Technology LT1187CS8 Datasheet HTML 13Page - Linear Technology LT1187CS8 Datasheet HTML 14Page - Linear Technology LT1187CS8 Datasheet HTML 15Page - Linear Technology LT1187CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1187
16
1187fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1993
LT 1006 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
LT1189
Low Power Video Difference Amplifier
LT1193
Adjustable Gain Video Difference Amplifier
LT1194
Gain = 10 Video Difference Amplifier
LT1206
250mA Out, 900V/µs, 60MHz CFA
LT1354
1mA, 12MHz 400V/µs Op Amplifier
LT6552
3.3V Video Difference Amplifier
LT6559
Low Cost 5V/±5V Triple Video Amplifier with Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com