Electronic Components Datasheet Search
  English  ▼

X  

LT1190CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1190CS8
Description  Ultrahigh Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1190CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1190CS8 Datasheet HTML 3Page - Linear Technology LT1190CS8 Datasheet HTML 4Page - Linear Technology LT1190CS8 Datasheet HTML 5Page - Linear Technology LT1190CS8 Datasheet HTML 6Page - Linear Technology LT1190CS8 Datasheet HTML 7Page - Linear Technology LT1190CS8 Datasheet HTML 8Page - Linear Technology LT1190CS8 Datasheet HTML 9Page - Linear Technology LT1190CS8 Datasheet HTML 10Page - Linear Technology LT1190CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1190
Slew Rate vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Step
vs Settling Time, AV = – 1
Output Voltage Step
vs Settling Time, AV = +1
TEMPERATURE (
°C)
–50
300
400
500
600
–25
125
LT1190 • TPC19
0
25
50
75
100
VS = ±5V
TA = 25°C
RL = 1k
VO = ±2V
+SLEW RATE
–SLEW RATE
SETTLING TIME (ns)
50
–4
–2
2
4
70
190
LT1190 • TPC20
90
110
130
150
170
1mV
1mV
10mV
10mV
VS = ±5V
TA = 25°C
RL = 1k
0
SETTLING TIME (ns)
0
–4
–2
0
4
50
350
LT1190 • TPC21
100
150
200
250
300
1mV
10mV
10mV
2
1mV
VS = ±5V
TA = 25°C
RL = 1k
Large-Signal Transient Response
Small-Signal Transient Response
Output Overload
AV = +1, CL = 10pF SCOPE PROBE
1190 G22
AV = +1, SMALL-SIGNAL RISE TIME,
1190 G23
WITH FET PROBES
AV = –1, VIN = 12VP-P
1190 G24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com