Electronic Components Datasheet Search
  English  ▼

X  

TDA1306T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA1306T
Description  Noise shaping filter DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1306T Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1306T Datasheet HTML 1Page - NXP Semiconductors TDA1306T Datasheet HTML 2Page - NXP Semiconductors TDA1306T Datasheet HTML 3Page - NXP Semiconductors TDA1306T Datasheet HTML 4Page - NXP Semiconductors TDA1306T Datasheet HTML 5Page - NXP Semiconductors TDA1306T Datasheet HTML 6Page - NXP Semiconductors TDA1306T Datasheet HTML 7Page - NXP Semiconductors TDA1306T Datasheet HTML 8Page - NXP Semiconductors TDA1306T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1998 Jan 06
3
Philips Semiconductors
Product specification
Noise shaping filter DAC
TDA1306T
QUICK REFERENCE DATA
All power supply pins VDD and VSS must be connected to the same external supply unit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDDD
digital supply voltage
4.5
5.0
5.5
V
VDDA
analog supply voltage
4.5
5.0
5.5
V
VDDO
operational amplifier
supply voltage
4.5
5.0
5.5
V
IDDD
digital supply current
VDDD =5V;
at code 00000H
−
58mA
IDDA
analog supply current
VDDA =5V;
at code 00000H
−
35mA
IDDO
operational amplifier
supply current
VDDO =5V;
at code 00000H
−
24mA
Analog signals
VFS(rms)
full-scale output voltage
(RMS value)
VDDD =VDDA =VDDO =5V;
RL >5kΩ
0.935
1.1
1.265
V
RL
output load resistance
5
−−
k
Ω
DAC performance
(THD + N)/S
total harmonic distortion
plus noise-to-signal ratio
at 0 dB signal level;
fi = 1 kHz;
−−70
−
dB
−
0.032
−
%
at
−60 dB signal level;
fi = 1 kHz;
−−42
−32
dB
−
0.8
2.5
%
S/N
signal-to-noise ratio
no signal; A-weighted
−−108
−96
dB
BR
input bit rate at data input
fs = 44.1 kHz;
normal speed
−−
2.822
Mbits/s
fs = 44.1 kHz;
double speed
−−
5.645
Mbits/s
fsys
system clock frequency
(pin 12)
6.4
−
18.432
MHz
Tamb
operating ambient
temperature
−40
−
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com