Electronic Components Datasheet Search
  English  ▼

X  

LT1194CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1194CS8
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1194CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1194CS8 Datasheet HTML 4Page - Linear Technology LT1194CS8 Datasheet HTML 5Page - Linear Technology LT1194CS8 Datasheet HTML 6Page - Linear Technology LT1194CS8 Datasheet HTML 7Page - Linear Technology LT1194CS8 Datasheet HTML 8Page - Linear Technology LT1194CS8 Datasheet HTML 9Page - Linear Technology LT1194CS8 Datasheet HTML 10Page - Linear Technology LT1194CS8 Datasheet HTML 11Page - Linear Technology LT1194CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1194
will appear at the (–) input if the feedback loop is properly
closed. In steady state the input signal appears at the
output of the LT1194, and 1/10 of this signal is applied
across the sense resistor. Thus the output current is
simply:
IO =
VIN
R • 10
The compensation capacitor CC forces the LT1191 to be
the dominate pole for the loop, while the LT1194 is fast
enough to be transparent in the feedback path. The ratio of
the load resistor to the sense resistor should be approxi-
mately 10:1 or greater for easy compensation. For the
example shown the load resistor is 100
Ω, the sense
resistor is 5.1
Ω, and various loop compensation capaci-
tors cause the output to exhibit an underdamped, critically
and overdamped response.
FREQUENCY (Hz)
16
LT1194 • TA08
100M
10M
Voltage Gain vs Frequency
Double Terminated Cable Driver
1M
100k
14
10
12
8
6
2
TA = 25°C
4
CABLE
75
Ω
75
Ω
5V
7
6
LT1194
–5V
4
+
3
5
–
2
8
1
VC
APPLICATIO S I FOR ATIO
±VIN
LT1194 • TA09
2k
5V
–5V
5V
–5V
LT1191
LT1194
3
2
4
7
6
6
73
5
2
R
5.1
Ω
RL
100
Ω
CC
4
+
–
+
–
IO = ±20mA
Voltage Controlled Current Source
LT1194 • TA10
±20mA CURRENT SOURCE WITH DIFFERENT
COMPENSATION CAPACITORS
CC = 1pF
Output Current Response
CC = 3pF
CC = 20pF
Differential Video Loop Thru Amplifier
for Power-Down Applications
LT1194 • TA11
–
+
1.5k
1.5k
15k
15k
VIN
CABLE
3
2
5
4
7
6
–5V
5V
LT1194
1% RESISTOR WORST-CASE CMRR = 22dB
TYPICALLY = 38dB
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com