Electronic Components Datasheet Search
  English  ▼

X  

LT1195 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1195
Description  Low Power, High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1195 Datasheet(HTML) 4 Page - Linear Technology

  LT1195 Datasheet HTML 1Page - Linear Technology LT1195 Datasheet HTML 2Page - Linear Technology LT1195 Datasheet HTML 3Page - Linear Technology LT1195 Datasheet HTML 4Page - Linear Technology LT1195 Datasheet HTML 5Page - Linear Technology LT1195 Datasheet HTML 6Page - Linear Technology LT1195 Datasheet HTML 7Page - Linear Technology LT1195 Datasheet HTML 8Page - Linear Technology LT1195 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1195
1195fa
LT1195C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
J8, N8 Package
1.0
10.0
mV
S8 Package
1.0
15.0
mV
∆VOS/∆T
Input VOS Drift
15
µV/°C
IOS
Input Offset Current
0.2
1.7
µA
IB
Input Bias Current
±0.5
±2.5
µA
Input Voltage Range
(Note 4)
2.0
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = 2V to 3.5V
60
85
dB
VOUT
Output Voltage Swing
RL = 150Ω to Ground
VOUT High
3.5
3.75
V
VOUT Low
0.15
0.4
V
IS
Supply Current
12
16
mA
Shutdown Supply Current
Pin 5 at V– (Note 9)
0.9
2.0
mA
IS/D
Shutdown Pin Current
Pin 5 at V–
525
µA
LT1195C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
J8, N8 Package
3.0
10.0
mV
S8 Package
3.0
15.0
mV
∆VOS/∆T
Input VOS Drift
12
µV/°C
IOS
Input Offset Current
0.2
1.7
µA
IB
Input Bias Current
±0.5
±2.5
µA
CMRR
Common Mode Rejection Ratio
VCM = –2.5V to 3.5V
60
85
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±5V
60
90
dB
AVOL
Large-Signal Voltage Gain
RL = 1k, VOUT = ±3V
2.0
7.5
V/mV
RL = 150Ω, VOUT = ±3V
0.3
1.5
V/mV
VOUT
Output Voltage Swing
RL = 1k
±3.7
±3.9
V
IS
Supply Current
12
17
mA
Shutdown Supply Current
Pin 5 at V – (Note 9)
0.9
2.0
mA
IS/D
Shutdown Pin Current
Pin 5 at V –
525
µA
0°C ≤ TA ≤ 70°C
VS = ±5V, Pin 5 open circuit, unless otherwise noted.
0°C ≤ TA ≤ 70°C
VS+ = 5V, VS– = OV, Pin 5 open circuit, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted continuously.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formats:
LT1195MJ8/LT1195CJ8:
TJ = TA + (PD • 100°C/W)
LT1195N:
TJ = TA + (PD • 100°C/W)
LT1195CS:
TJ = TA + (PD • 150°C/W)
Note 4: Exceeding the input common mode range may cause the output
to invert.
Note 5: Slew rate is measured between ±1V on the output, with ±3V input
step.
Note 6: Full power bandwidth is calculated from the slew rate
measurement: FPBW = SR/2πVP.
Note 7: Settling time measurement techniques are shown in “Take the
Guesswork Out of Settling Time Measurements,” EDN, September 19, 1985.
Note 8: NTSC (3.58MHz). For RL = 1k, Diff AV = 0.3%, Diff Ph = 0.35°.
Note 9: See Applications Information section for shutdown at elevated
temperatures. Do not operate the shutdown above TJ > 125°C.
Note 10: AC parameters are 100% tested on the ceramic and plastic DIP
packaged parts (J8 and N8 suffix) and are sample tested on every lot of
the SO packaged parts (S8 suffix).
Note 11: Do not operate at AV < 2 for TA < 0°C.
5V ELECTRICAL CHARACTERISTICS
+
–
5V ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com