Electronic Components Datasheet Search
  English  ▼

X  

PL560-08OC Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PL560-08OC
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL560-08OC Datasheet(HTML) 5 Page - PhaseLink Corporation

  PL560-08OC Datasheet HTML 1Page - PhaseLink Corporation PL560-08OC Datasheet HTML 2Page - PhaseLink Corporation PL560-08OC Datasheet HTML 3Page - PhaseLink Corporation PL560-08OC Datasheet HTML 4Page - PhaseLink Corporation PL560-08OC Datasheet HTML 5Page - PhaseLink Corporation PL560-08OC Datasheet HTML 6Page - PhaseLink Corporation PL560-08OC Datasheet HTML 7Page - PhaseLink Corporation PL560-08OC Datasheet HTML 8Page - PhaseLink Corporation PL560-08OC Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Analog Frequency Multiplier
PL560-xx VCXO Family
47745 Fremont Blvd., Fremont, CA 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev.:02-09-07 Page 5
VOLTAGE CONTROL SPECIFICATION
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
XTAL C0 /C1 <300
200
ppm
CLK Output Pullability
VCON= 1.65V ± 1.65V
XTAL C0 /C1 <300
±100
±120
ppm
Linearity
5
10
%
VCON Input Impedance
130
kΩ
VCON Modulation BW
0V < VCON < 3.3V, -3dB
25
kHz
EXTERNAL COMPONENT VALUES
INDUCTOR VALUE OPTIMIZATION
The required inductor value(s) for the best performance depends on the operating frequency, and the board
layout specifications. The listed values in this datasheet are based on the calculated parasitic values from
PhaseLink’s evaluation board design. These inductor values provide the user with a starting point to determine
the optimum inductor values. Additional fine-tuning may be required to determine the optimal solution.
To assist with the inductor value optimization, PhaseLink has developed the “AFM Tuning Assistant” software.
You can download this software from PhaseLink’s web site (www.phaselink.com). The software consists of two
worksheets. The first worksheet (named L2) is used to fine-tune the ‘L2’ inductor value, and the second
worksheet (named L4) is used for fine tuning of the ‘L4’ (used in 4x AFMs only) inductor value.
For those designs using PhaseLink’s recommended board layout, you can use the “AFM Tuning Assistant” to
determine the optimum values for the required inductors. This software is developed based on the parasitic
information from PhaseLink’s board layout and can be used to determine the required inductor and parallel
capacitor (see LWB1 and Cstray parameters) values. For those employing a different board layout in their
design, we recommend to use the parasitic information of their board layout to calculate the optimized inductor
values. Please use the following fine tuning procedure:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com