Electronic Components Datasheet Search
  English  ▼

X  

ZDP323B3 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # ZDP323B3
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B3 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button ZDP323B3 Datasheet HTML 4Page - Zilog, Inc. ZDP323B3 Datasheet HTML 5Page - Zilog, Inc. ZDP323B3 Datasheet HTML 6Page - Zilog, Inc. ZDP323B3 Datasheet HTML 7Page - Zilog, Inc. ZDP323B3 Datasheet HTML 8Page - Zilog, Inc. ZDP323B3 Datasheet HTML 9Page - Zilog, Inc. ZDP323B3 Datasheet HTML 10Page - Zilog, Inc. ZDP323B3 Datasheet HTML 11Page - Zilog, Inc. ZDP323B3 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 5
7 Device Markings
Part Number:
23 = ZDP323B series
I2C Address:
301 = I2C address 301h (10-bit)
Lot Number:
0 26 B
Zilog Identification Code
Manufactured Week (26)
Manufactured Year (2020)
Figure 7 - Device Markings
8 Recommended Circuit
The recommended SDA and SCL pull up resistor value for 100KHz I2C operation is
100KΩ.
MCU
ZDP323B
VDD
SDA/TRIG
SCL
GND
VDD
0.1µF
100KΩ
100KΩ
I2C
Master
Interrupt
/Wakeup
Figure 8 - Recommended Interface Circuit
Note: The 0.1µF decoupling capacitor is not required in all applications. Include this
capacitor in designs where the supply voltage is not well regulated or contains significant
noise.
Top View
301-23
026B
I2C Address
Part Number
Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com