Electronic Components Datasheet Search
  English  ▼

X  

PL611S-17-XXXUC-R Datasheet(PDF) 7 Page - PhaseLink Corporation

Part # PL611S-17-XXXUC-R
Description  1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-17-XXXUC-R Datasheet(HTML) 7 Page - PhaseLink Corporation

  PL611S-17-XXXUC-R Datasheet HTML 1Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 2Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 3Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 4Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 5Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 6Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 7Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 8Page - PhaseLink Corporation PL611S-17-XXXUC-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(Preliminary)PL611s-17
1.8V-3.3V PicoPLL
TM KHz to MHz Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/04/07 Page 7
PCB LAYOUT CONSIDERATIONS FOR PERFORMANCE OPTIMIZATION
The following guidelines are to assist you with a performance optimized PCB design:
- Keep all the PCB traces to PL611s-17 as short as
possible, as well as keeping all other traces as far
away from it as possible.
- When a reference input clock is generated from a
crystal (see diagram above), place the PL611s-17
‘FIN’ as close as possible to the ‘Xout’ crystal pin.
This will reduce the cross-talk between the reference
input and the other signals.
- Place the Loop Filter (LF) components as close to
the package pin of PL611s-17 as possible.
- Place a 0.01 F~0.1 F decoupling capacitor
between VDD and GND, on the component side of
the PCB, close to the VDD pin. It is not
recommended to place this component on the
backside of the PCB. Going through vias will reduce
the signal integrity, causing additional jitter and
phase noise.
- It is highly recommended to keep the VDD and
GND traces as short as possible.
- When connecting long traces (> 1 inch) to a CMOS
output, it is important to design the traces as a
transmission line or ‘stripline’, to avoid reflections or
ringing. In this case, the
CMOS output needs to be matched to the trace
impedance. Usually ‘striplines’ are designed for
50
impedance and CMOS outputs usually have
lower than 50
impedance so matching can be
achieved by adding a resistor in series with the
CMOS output pin to the ‘stripline’ trace.
- Please contact PhaseLink for the application note
on how to design outputs driving long traces or the
Gerber files for the PL611s-17 layout.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com