Electronic Components Datasheet Search
  English  ▼

X  

LT1221 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1221
Description  150MHz, 250V/ms, A 4 Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1221 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1221 Datasheet HTML 4Page - Linear Technology LT1221 Datasheet HTML 5Page - Linear Technology LT1221 Datasheet HTML 6Page - Linear Technology LT1221 Datasheet HTML 7Page - Linear Technology LT1221 Datasheet HTML 8Page - Linear Technology LT1221 Datasheet HTML 9Page - Linear Technology LT1221 Datasheet HTML 10Page - Linear Technology LT1221 Datasheet HTML 11Page - Linear Technology LT1221 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1221
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1992
1221fb LT/CP 0901 1.5K REV B • PRINTED IN USA
TYPICAL APPLICATIO S
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1220
45MHz, 250V/
µs Amplifier
Unity Gain Stable Version of the LT1221
LT1222
500MHz, 200V/
µs Amplifier
AV ≥ 10 Version of the LT1221
Lag Compensation
Cable Driver
LT1221 • TA04
IN
V
OUT
V
2k
LT1221
500
Ω
100pF
AV = 1, f < 3MHz
+
–
LT1221 • TA03
IN
V
1k
LT1221
250
Ω
200pF
+
–
LT1221
–
+
250
Ω
–
+
1k
LT1221
+
–
1k
1k
10k
10k
VOUT
20MHz, AV = 50 Instrumentation Amplifier
LT1221 • TA05
510
Ω
+
–
VIN
OUT
V
1.5k
75
Ω
75
Ω
75
Ω CABLE
LT1221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com